Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF08 Datasheet (PDF) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

DF08 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Part # DF08
Download  DF08 Download
File Size   453.88 Kbytes
Page   2 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description VOLTAGE RANGE CURRENT

DF08 Datasheet (PDF)

Go To PDF Page Download Datasheet
DF08 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # DF08
Download  DF08 Click to download

File Size   453.88 Kbytes
Page   2 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description VOLTAGE RANGE CURRENT

DF08 Datasheet (HTML) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD




Similar Part No. - DF08

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF08 WTE-DF08 Datasheet
50Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
DF08 SSE-DF08 Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
DF08 CHENYI-DF08 Datasheet
131Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
DF08 GOOD-ARK-DF08 Datasheet
160Kb / 2P
GLASS PASSIVATED CHIP SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
DF08 WTE-DF08 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Similar Description - DF08

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1466L MOTOROLA-MC1466L Datasheet
1Mb / 16P
PRECISION WIDE RANGE VOLTAGE AND CURRENT REGULATOR
logo
List of Unclassifed Man...
MMBD717WS ETC1-MMBD717WS Datasheet
450Kb / 3P
Voltage Range 20 Volts Current 200 mA
logo
Chenmko Enterprise Co. ...
1N5400PT CHENMKO-1N5400PT Datasheet
78Kb / 2P
VOLTAGE RANGE 50 - 1000 Volts CURRENT 3.0 Amperes
1N5817PT CHENMKO-1N5817PT Datasheet
81Kb / 2P
VOLTAGE RANGE 20 - 40 Volts CURRENT 1.0 Ampere
logo
Infineon Technologies A...
TLE4305 INFINEON-TLE4305_08 Datasheet
262Kb / 16P
Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
logo
WILLAS ELECTRONIC CORP
1S80 WILLAS-1S80 Datasheet
354Kb / 2P
VOLTAGE RANGE 80 to 100Volts CURRENT 1.0Ampere
logo
Kersemi Electronic Co.,...
MBR25100CT KERSEMI-MBR25100CT Datasheet
2Mb / 2P
Voltage Range 100 Volts Current 25.0 Amperes
logo
Vishay Siliconix
WBP VISHAY-WBP Datasheet
229Kb / 6P
High voltage, current, and temperature range
05-Jan-17
logo
First Components Intern...
PBFR6020JP FCI-PBFR6020JP Datasheet
1,003Kb / 2P
Voltage Range 16 to 28V Current 60 Ampere
logo
Rectron Semiconductor
RS605M-C-LV RECTRON-RS605M-C-LV Datasheet
226Kb / 5P
VOLTAGE RANGE 600 Volts CURRENT 6 Amperes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com