Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ4M Datasheet (PDF) - Nanjing International Group Co

KBJ4M Datasheet PDF - Nanjing International Group Co
Part # KBJ4M
Download  KBJ4M Download
File Size   120.66 Kbytes
Page   2 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS

KBJ4M Datasheet (PDF)

Go To PDF Page Download Datasheet
KBJ4M Datasheet PDF - Nanjing International Group Co

Part # KBJ4M
Download  KBJ4M Click to download

File Size   120.66 Kbytes
Page   2 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS

KBJ4M Datasheet (HTML) - Nanjing International Group Co


KBJ4M Product details

FEATURES
* Ideal for printed circuit board
* Low forward voltage
* Polarity: marked on body
* Mounting position: Any
* Weight: 4.8 grams
* Low leakage current
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance directive request




Similar Part No. - KBJ4M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ4M WTE-KBJ4M Datasheet
50Kb / 3P
4.0A BRIDGE RECTIFIER
logo
Dc Components
KBJ4M DCCOM-KBJ4M Datasheet
418Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ4M DAESAN-KBJ4M Datasheet
240Kb / 2P
CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBJ4M BILIN-KBJ4M Datasheet
137Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Rugao Dachang Electroni...
KBJ4M DACHANG-KBJ4M Datasheet
135Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 4 A
More results


Similar Description - KBJ4M

ManufacturerPart #DatasheetDescription
logo
Bytes
RS401L BYTES-RS401L Datasheet
146Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
RS401L FORMOSA-RS401L Datasheet
30Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
KBJ401 UNIOHM-KBJ401 Datasheet
66Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
RS401L UNIOHM-RS401L Datasheet
61Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
GBJ401 YFWDIODE-GBJ401 Datasheet
252Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
GBL401 DGNJDZ-GBL401 Datasheet
620Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
KBL410 DGNJDZ-KBL410 Datasheet
229Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
RS401 DGNJDZ-RS401 Datasheet
177Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
T4BU10 DGNJDZ-T4BU10 Datasheet
293Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBL4005 BYTESONIC-GBL4005 Datasheet
339Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
Version 1.3 2016/2/8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com