Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6N16 Datasheet (PDF) - Microchip Technology

MCP6N16 Datasheet PDF - Microchip Technology
Part # MCP6N16
Download  MCP6N16 Download
File Size   8178.07 Kbytes
Page   58 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Rail-to-Rail Input and Output

MCP6N16 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP6N16 Datasheet PDF - Microchip Technology

Part # MCP6N16
Download  MCP6N16 Click to download

File Size   8178.07 Kbytes
Page   58 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Rail-to-Rail Input and Output

MCP6N16 Datasheet (HTML) - Microchip Technology


MCP6N16 Product details

Description:
Microchip Technology Inc. offers the single Zero-Drift MCP6N16 instrumentation amplifier (INA) with Enable pin (EN) and three minimum gain options (GMIN). The internal offset correction gives high DC precision: it has very low offset and offset drift, and negligible 1/f noise.

Features:
• High DC Precision:
   - VOS: ±17 µV (maximum, GMIN = 100)
   - TC1: ±60 nV/°C (maximum, GMIN = 100)
   - CMRR: 112 dB (minimum, GMIN = 100,
      VDD = 5.5V)
   - PSRR: 110 dB (minimum, GMIN = 100,
      VDD = 5.5V)
   - gE: ±0.15% (maximum, GMIN = 10, 100)
• Flexible:
   - Minimum Gain (GMIN) Options:
      1, 10 and 100 V/V
   - Rail-to-Rail Input and Output
   - Gain Set by Two External Resistors
• Bandwidth: 500 kHz (typical, Gain = GMIN = 1, 10)
• Power Supply:
   - VDD: 1.8V to 5.5V
   - IQ: 1.1 mA (typical)
   - Power Savings (Enable) Pin: EN
• Enhanced EMI Protection:
   - Electromagnetic Interference Rejection Ratio
      (EMIRR): 111 dB at 2.4 GHz
• Extended Temperature Range: -40°C to +125°C

Typical Applications:
• High-Side Current Sensor
• Wheatstone Bridge Sensors
• Difference Amplifier with Level Shifting
• Power Control Loops

Design Aids:
• SPICE Macro Model
• Microchip Advanced Part Selector (MAPS)
• Application Notes




Similar Part No. - MCP6N16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6N11 MICROCHIP-MCP6N11 Datasheet
5Mb / 50P
Rail-to-Rail Input and Output
08/02/11
MCP6N11-001 MICROCHIP-MCP6N11-001 Datasheet
5Mb / 50P
500 kHz, 800 關A Instrumentation Amplifier
08/02/11
MCP6N11-002 MICROCHIP-MCP6N11-002 Datasheet
5Mb / 50P
500 kHz, 800 關A Instrumentation Amplifier
08/02/11
MCP6N11-005 MICROCHIP-MCP6N11-005 Datasheet
5Mb / 50P
500 kHz, 800 關A Instrumentation Amplifier
08/02/11
MCP6N11-005E MICROCHIP-MCP6N11-005E Datasheet
5Mb / 50P
500 kHz, 800 關A Instrumentation Amplifier
08/02/11
More results


Similar Description - MCP6N16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6681 NSC-LMC6681 Datasheet
750Kb / 24P
Low Voltage, Rail-To-Rail Input and Output CMOS
logo
Linear Technology
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
logo
Diodes Incorporated
APX321 DIODES-APX321 Datasheet
670Kb / 18P
LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
logo
Linear Technology
LTC6800 LINER-LTC6800_15 Datasheet
1Mb / 14P
Rail-to-Rail, Input and Output, Instrumentation Amplifier
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
logo
Microchip Technology
MCP6N11 MICROCHIP-MCP6N11 Datasheet
5Mb / 50P
Rail-to-Rail Input and Output
08/02/11
logo
STMicroelectronics
OA1NP STMICROELECTRONICS-OA1NP Datasheet
864Kb / 31P
Rail-to-rail input and output
March 2014 Rev 2
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com