Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX321 Datasheet (PDF) - Diodes Incorporated

APX321 Datasheet PDF - Diodes Incorporated
Part # APX321
Download  APX321 Download
File Size   670.47 Kbytes
Page   18 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT

APX321 Datasheet (PDF)

Go To PDF Page Download Datasheet
APX321 Datasheet PDF - Diodes Incorporated

Part # APX321
Download  APX321 Click to download

File Size   670.47 Kbytes
Page   18 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT

APX321 Datasheet (HTML) - Diodes Incorporated


APX321 Product details

General Description

The APX321/APX358/APX324 are low voltage (2.5V to 5.5V) single, dual and quad operational amplifiers. The APX321/APX358/APX324 are designed to effectively reduce cost and space at low voltage levels. These devices have the capability of rail-to-rail output swing and input common-mode voltage range. They can also achieve an efficient speed-to-power ratio, utilizing 1 MHz bandwidth and 1 V/µs slew rate at a low supply current. Reducing noise pickup and increasing signal integrity can be achieved by placing the device close to the signal source. The APX321 is available in 5-Pin SOT353/SOT25 packages that reduce space on pc boards and portable electronic devices. The APX324 is available in the TSSOP-14L package. The APX358 is available in the MSOP-8L and SOP-8L packages.



Features

(For V+=5V and V-=0V typical unless otherwise noted)

• Guaranteed 2.7V and 5V performance

• Crossover distortion eliminated

• Operating temperature range (-40°C to +85°C)

• Gain-bandwidth 1 MHz

• Low supply current

• APX321 110 µA Typ

• APX358 190 µA Typ

• APX324 340 µA Typ

• Rail-to-rail output swing @ 10 kΩ

• V+ -10 mV

• V- +10 mV

• Input Common Mode Voltage Range (0 to V+-0.2V)

• Manufactured in standard CMOS process

• SOT353, SOT25, MSOP-8L, SOP-8L and TSSOP-14L: Available in “Green” Molding Compound (No Br, Sb)

• Lead-free Finish / RoHS Compliant (Note 4)



Applications

• Active filters

• General purpose low voltage applications

• General purpose portable devices




Similar Part No. - APX321

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX339 DIODES-APX339 Datasheet
156Kb / 8P
LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
APX393/APX339 Rev. 5
APX339TSG-13 DIODES-APX339TSG-13 Datasheet
156Kb / 8P
LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
APX393/APX339 Rev. 5
APX393 DIODES-APX393 Datasheet
156Kb / 8P
LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
APX393/APX339 Rev. 5
APX393M8G-13 DIODES-APX393M8G-13 Datasheet
156Kb / 8P
LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
APX393/APX339 Rev. 5
APX393SG-13 DIODES-APX393SG-13 Datasheet
156Kb / 8P
LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
APX393/APX339 Rev. 5
More results


Similar Description - APX321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6582 NSC-LMC6582 Datasheet
678Kb / 19P
Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
LMC6681 NSC-LMC6681 Datasheet
750Kb / 24P
Low Voltage, Rail-To-Rail Input and Output CMOS
logo
ON Semiconductor
LMV931 ONSEMI-LMV931 Datasheet
432Kb / 20P
Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers
April, 2010 ??Rev. 6
logo
Linear Technology
LTC6800 LINER-LTC6800_15 Datasheet
1Mb / 14P
Rail-to-Rail, Input and Output, Instrumentation Amplifier
logo
Microchip Technology
MCP6N11 MICROCHIP-MCP6N11 Datasheet
5Mb / 50P
Rail-to-Rail Input and Output
08/02/11
MCP6N16 MICROCHIP-MCP6N16 Datasheet
7Mb / 58P
Rail-to-Rail Input and Output
03/25/14
logo
Texas Instruments
TLV316 TI1-TLV316 Datasheet
1Mb / 35P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage
logo
ON Semiconductor
LMV981 ONSEMI-LMV981_15 Datasheet
387Kb / 21P
Single and Dual Low Voltage, Rail-to-Rail Input and Output
October, 2015 ??Rev. 12
logo
STMicroelectronics
OA1NP STMICROELECTRONICS-OA1NP Datasheet
864Kb / 31P
Rail-to-rail input and output
March 2014 Rev 2
logo
Rohm
BD5291GWL ROHM-BD5291GWL Datasheet
1Mb / 28P
Input/Output Rail to Rail Low Input Offset Voltage Operational Amplifier
02.Sep.2022 Rev.001
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com