Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX321 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # APX321
Description  LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX321 Datasheet(HTML) 5 Page - Diodes Incorporated

  APX321 Datasheet HTML 1Page - Diodes Incorporated APX321 Datasheet HTML 2Page - Diodes Incorporated APX321 Datasheet HTML 3Page - Diodes Incorporated APX321 Datasheet HTML 4Page - Diodes Incorporated APX321 Datasheet HTML 5Page - Diodes Incorporated APX321 Datasheet HTML 6Page - Diodes Incorporated APX321 Datasheet HTML 7Page - Diodes Incorporated APX321 Datasheet HTML 8Page - Diodes Incorporated APX321 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
APX321/APX358/APX324
LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
SINGLE/DUAL/QUAD OPERATIONAL AMPLIFIERS
APX321/APX358/APX324 Rev. 13
5 of 18
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(Continued)
5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TA = 25°C, V
+ = 5V, V- = 0V, VCM = 2.0V, VO = V+/2 and
RL > 1 MΩ. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Test Conditions
Min
(Note 10)
Typ.
(Note 9)
Max
(Note 10)
Unit
VOS
Input Offset Voltage
1.7
7
9
mV
TCVOS
Input Offset Voltage
Average Drift
5
µV/°C
IB
Input Bias Current
15
250
500
nA
IOS
Input Offset Current
5
50
150
nA
CMRR
Common Mode Rejection
Ratio
0V
≤ V
CM ≤ 4.7V
50
65
dB
PSRR
Power Supply Rejection
Ratio
2.7V
≤ V+ ≤ 5V
VO = 1V, VCM = 1V
50
60
dB
VCMR
Input Common-Mode
Voltage Range
For CMRR
≥ 50dB
0
-0.2
V
4.8
AV
Large Signal Voltage Gain RL = 2 kΩ (Note 11)
15
10
100
V/mV
VO
Output Swing
RL = 2 kΩ to 2.5V
V
+ - 300
V
+ - 400
V
+ - 50
mV
50
300
400
mV
RL = 10 kΩ to 2.5V
V
+ - 100
V
+ - 200
V
+ - 10
mV
10
180
280
mV
IO
Output Short Circuit
Current
Sourcing, VO = 0V
5
60
mA
Sinking, VO = 5V
10
90
mA
IS
Supply Current
APX321
Single amplifier
110
140
µA
APX358
Both amplifiers
190
340
600
µA
APX324
All four amplifiers
340
680
1100
µA
θ
JA
Thermal Resistance
Junction-to-Ambient
SOT353 (Note 12)
330
°C/W
SOT25 (Note 12)
250
°C/W
TSSOP-14L
(Note 12)
100
°C/W
MSOP-8L (Note 12)
203
°C/W
SOP-8L (Note 12)
150
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com