Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL34A Datasheet (PDF) - Diotec Semiconductor

GL34A Datasheet PDF - Diotec Semiconductor
Part # GL34A
Download  GL34A Download
File Size   170.76 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Si-Rectifiers

GL34A Datasheet (PDF)

Go To PDF Page Download Datasheet
GL34A Datasheet PDF - Diotec Semiconductor

Part # GL34A
Download  GL34A Click to download

File Size   170.76 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Si-Rectifiers

GL34A Datasheet (HTML) - Diotec Semiconductor


GL34A Product details

• Nominal current                     0.5 A

• Repetitive peak reverse voltage 50...1000 V

• Plastic case MiniMELF              DO-213AA

• Weight approx.                       0.04 g

• Plastic material has UL classification 94V-0

• Standard packaging taped and reeled

 



 




Similar Part No. - GL34A

ManufacturerPart #DatasheetDescription
logo
Dc Components
GL34A DCCOM-GL34A Datasheet
340Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Formosa MS
GL34A FORMOSA-GL34A Datasheet
66Kb / 2P
Silicon passivated type
logo
General Semiconductor
GL34A GE-GL34A Datasheet
80Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING JUNCTION RECTIFIER
logo
Micro Commercial Compon...
GL34A MCC-GL34A Datasheet
354Kb / 2P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
Formosa MS
GL34A FORMOSA-GL34A Datasheet
77Kb / 2P
MINI-MELF glass passivated junction Diodes - Silicon passivated type
More results


Similar Description - GL34A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GL1A DIOTEC-GL1A Datasheet
157Kb / 2P
Surface Mount Si-Rectifiers
S1A DIOTEC-S1A Datasheet
165Kb / 2P
Surface Mount Si-Rectifiers
S2A DIOTEC-S2A Datasheet
165Kb / 2P
Surface Mount Si-Rectifiers
S3A DIOTEC-S3A Datasheet
166Kb / 2P
Surface Mount Si-Rectifiers
S3A DIOTEC-S3A_07 Datasheet
107Kb / 2P
Surface Mount Si-Rectifiers
S5A DIOTEC-S5A Datasheet
107Kb / 2P
Surface Mount Si-Rectifiers
SM5400 DIOTEC-SM5400_07 Datasheet
110Kb / 2P
Surface Mount Si-Rectifiers
SM5059 DIOTEC-SM5059_07 Datasheet
110Kb / 2P
Surface Mount Si-Rectifiers
SM4001Q DIOTEC-SM4001Q_08 Datasheet
129Kb / 2P
Surface Mount Si-Rectifiers
SM4001Q DIOTEC-SM4001Q_15 Datasheet
129Kb / 2P
Surface Mount Si-Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com