Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL1A Datasheet (PDF) - Diotec Semiconductor

GL1A Datasheet PDF - Diotec Semiconductor
Part # GL1A
Download  GL1A Download
File Size   157.5 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Si-Rectifiers

GL1A Datasheet (PDF)

Go To PDF Page Download Datasheet
GL1A Datasheet PDF - Diotec Semiconductor

Part # GL1A
Download  GL1A Click to download

File Size   157.5 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Si-Rectifiers

GL1A Datasheet (HTML) - Diotec Semiconductor


GL1A Product details

Features
   Package compatible to SOD-87 High power dissipation Compliant to RoHS, REACH, Conflict Minerals 1)

Typical Applications
   50/60 Hz Mains Rectification, Power Supplies, Polarity Protection Commercial grade 1)
  
Mechanical Data 1)
   Taped and reeled 2500 / 7“
   Weight approx. 0.04 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
   MSL = 1




Similar Part No. - GL1A

ManufacturerPart #DatasheetDescription
logo
Semikron International
GL1A SEMIKRON-GL1A Datasheet
116Kb / 2P
Standard silicon rectifier diodes
logo
Diotec Semiconductor
GL1A DIOTEC-GL1A Datasheet
102Kb / 2P
Surface Mount Silicon Rectifier Diodes
logo
Shenzhen Luguang Electr...
GL1A LUGUANG-GL1A Datasheet
183Kb / 2P
Surface Mount Rectifiers
logo
Diotec Semiconductor
GL1A DIOTEC-GL1A Datasheet
141Kb / 2P
Standard Recovery SMD Rectifier Diodes
logo
Shanghai Shunye Electro...
GL1A SHUNYE-GL1A Datasheet
1Mb / 2P
GENERAL PURPOSE SILICON RECTIFIER
More results


Similar Description - GL1A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GL34A DIOTEC-GL34A Datasheet
170Kb / 2P
Surface Mount Si-Rectifiers
S1A DIOTEC-S1A Datasheet
165Kb / 2P
Surface Mount Si-Rectifiers
S2A DIOTEC-S2A Datasheet
165Kb / 2P
Surface Mount Si-Rectifiers
S3A DIOTEC-S3A Datasheet
166Kb / 2P
Surface Mount Si-Rectifiers
S3A DIOTEC-S3A_07 Datasheet
107Kb / 2P
Surface Mount Si-Rectifiers
S5A DIOTEC-S5A Datasheet
107Kb / 2P
Surface Mount Si-Rectifiers
SM5400 DIOTEC-SM5400_07 Datasheet
110Kb / 2P
Surface Mount Si-Rectifiers
SM5059 DIOTEC-SM5059_07 Datasheet
110Kb / 2P
Surface Mount Si-Rectifiers
SM4001Q DIOTEC-SM4001Q_08 Datasheet
129Kb / 2P
Surface Mount Si-Rectifiers
SM4001Q DIOTEC-SM4001Q_15 Datasheet
129Kb / 2P
Surface Mount Si-Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com