Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL1A Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # GL1A
Description  Surface Mount Si-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

GL1A Datasheet(HTML) 1 Page - Diotec Semiconductor

  GL1A Datasheet HTML 1Page - Diotec Semiconductor GL1A Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40
28.02.2002
GL 1A ... GL 1M
Surface Mount Si-Rectifiers
Si-Gleichrichter für die Oberflächenmontage
Nominal current – Nennstrom
1 A
Repetitive peak reverse voltage
50…1000 V
Periodische Spitzensperrspannung
Plastic case MiniMELF
SOD-80
Kunststoffgehäuse MiniMELF
DO-213AA
Weight approx. – Gewicht ca.
0.04 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped and reeled
see page 18
Standard Lieferform gegurtet auf Rolle
siehe Seite 18
Marking:
1. white ring denotes “cathode” and “standard rectifier family”
2. colored ring denotes “repetitive peak reverse voltage” (see below)
Kennzeichnung: 1. weißer Ring kennzeichnet “Kathode” und “Standard-Gleichrichterfamilie”
2. farbiger Ring kennzeichnet “Period. Spitzensperrspannung” (siehe unten)
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Period. Spitzensperrspannung
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
2. Cathode ring
2. Kathodenring
GL 1A
50
50
gray / grau
GL 1B
100
100
red / rot
GL 1D
200
200
orange
GL 1G
400
400
yellow / gelb
GL 1J
600
600
green / grün
GL 1K
800
800
blue / blau
GL 1M
1000
1000
violet(t)
Max. average forward rectified current, R-load
T
T = 75
/CI
FAV
1 A
Dauergrenzstrom in Einwegschaltung mit R-Last
Peak forward surge current, 60 Hz half sine-wave
T
A = 25
/CI
FSM
30 A
Stoßstrom für eine 60 Hz Sinus-Halbwelle
Rating for fusing, t < 10 ms
T
A = 25
/Ci2t
4.5 A2s
Grenzlastintegral, t < 10 ms
Operating junction temperature – Sperrschichttemperatur
T
j
– 50…+175
/C
Storage temperature – Lagerungstemperatur
T
S
– 50…+175
/C


Similar Part No. - GL1A

ManufacturerPart #DatasheetDescription
logo
Semikron International
GL1A SEMIKRON-GL1A Datasheet
116Kb / 2P
Standard silicon rectifier diodes
logo
Diotec Semiconductor
GL1A DIOTEC-GL1A Datasheet
102Kb / 2P
Surface Mount Silicon Rectifier Diodes
logo
Shenzhen Luguang Electr...
GL1A LUGUANG-GL1A Datasheet
183Kb / 2P
Surface Mount Rectifiers
logo
Diotec Semiconductor
GL1A DIOTEC-GL1A Datasheet
141Kb / 2P
Standard Recovery SMD Rectifier Diodes
logo
Shanghai Shunye Electro...
GL1A SHUNYE-GL1A Datasheet
1Mb / 2P
GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - GL1A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GL34A DIOTEC-GL34A Datasheet
170Kb / 2P
Surface Mount Si-Rectifiers
S1A DIOTEC-S1A Datasheet
165Kb / 2P
Surface Mount Si-Rectifiers
S2A DIOTEC-S2A Datasheet
165Kb / 2P
Surface Mount Si-Rectifiers
S3A DIOTEC-S3A Datasheet
166Kb / 2P
Surface Mount Si-Rectifiers
S3A DIOTEC-S3A_07 Datasheet
107Kb / 2P
Surface Mount Si-Rectifiers
S5A DIOTEC-S5A Datasheet
107Kb / 2P
Surface Mount Si-Rectifiers
SM5400 DIOTEC-SM5400_07 Datasheet
110Kb / 2P
Surface Mount Si-Rectifiers
SM5059 DIOTEC-SM5059_07 Datasheet
110Kb / 2P
Surface Mount Si-Rectifiers
SM4001Q DIOTEC-SM4001Q_08 Datasheet
129Kb / 2P
Surface Mount Si-Rectifiers
SM4001Q DIOTEC-SM4001Q_15 Datasheet
129Kb / 2P
Surface Mount Si-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com