Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPD3890 Datasheet (PDF) - RF Micro Devices

RFPD3890 Datasheet PDF - RF Micro Devices
Part # RFPD3890
Download  RFPD3890 Download
File Size   131.91 Kbytes
Page   3 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 27dB Power Doubler Hybrid

RFPD3890 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFPD3890 Datasheet PDF - RF Micro Devices

Part # RFPD3890
Download  RFPD3890 Click to download

File Size   131.91 Kbytes
Page   3 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 27dB Power Doubler Hybrid

RFPD3890 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RFPD3890

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPD3890 QORVO-RFPD3890 Datasheet
131Kb / 3P
27dB Power Doubler Hybrid 40MHz to 1003MHz
More results


Similar Description - RFPD3890

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
D10040230P1 PDI-D10040230P1 Datasheet
134Kb / 4P
Hybrid Power Doubler amplifier module
logo
TriQuint Semiconductor
TAT8888 TRIQUINT-TAT8888_15 Datasheet
301Kb / 4P
CATV GaN Power Doubler Hybrid
logo
RF Micro Devices
QPA3230 RFMD-QPA3230 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid
QPA3240 RFMD-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid
RFPD3540 RFMD-RFPD3540 Datasheet
299Kb / 5P
GaAs/GaN Power Doubler Hybrid
RFPD3580 RFMD-RFPD3580 Datasheet
572Kb / 8P
GaAs/GaN Power Doubler Hybrid
logo
Qorvo, Inc
QPA3357 QORVO-QPA3357 Datasheet
256Kb / 4P
CATV Power Doubler Hybrid 1218MHz 28dB
RFPD3890 QORVO-RFPD3890 Datasheet
131Kb / 3P
27dB Power Doubler Hybrid 40MHz to 1003MHz
TAT8888 QORVO-TAT8888 Datasheet
341Kb / 4P
CATV GaN Power Doubler Hybrid
logo
Analog Devices
ADCA3990 AD-ADCA3990 Datasheet
233Kb / 9P
CATV Power Doubler Hybrid
1/2020-Revision 0
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com