Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPD3890 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPD3890
Description  27dB Power Doubler Hybrid
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPD3890 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPD3890 Datasheet HTML 1Page - RF Micro Devices RFPD3890 Datasheet HTML 2Page - RF Micro Devices RFPD3890 Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141120
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 3
RFPD3890
27dB Power Doubler Hybrid
40MHz to 1003MHz
The RFPD3890 is a hybrid power doubler amplifier module.
The part employs GaAs MESFET, GaAs pHEMT and GaN
HEMT die, has high output capability, and is operated from
40MHz to 1003MHz. It provides excellent linearity and
superior return loss performance with low noise and optimal
reliability.
INPUT
OUTPUT
V+
Package: SOT-115J
Features
■ Low Current
■ Excellent Linearity
■ Superior Return Loss Performance
■ Extremely Low Distortion
■ Optimal Reliability
■ Low Noise
■ Unconditionally Stable Under All
Terminations
■ High Output Capability
■ 27.0dB Min. Gain at 1003MHz
■ 385mA Max. at 24V
DC
Applications
■ 40MHz to 1003MHz CATV
Amplifier Systems
Ordering Information
RFPD3890
Box with 50 Pieces
Absolute Maximum Ratings
Parameter
Rating
Unit
RF Input Voltage (single tone)
70
dBmV
DC Supply Over-Voltage (5 minutes)
30
V
Storage Temperature
-40 to +100
°C
Operating Mounting Base Temperature
-30 to +100
°C
Caution! ESD sensitive device.
RoHS (Restriction of Hazardous
Substances): Compliant per EU Directive
2011/65/EU.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
RFPD3890


Similar Part No. - RFPD3890

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPD3890 QORVO-RFPD3890 Datasheet
131Kb / 3P
27dB Power Doubler Hybrid 40MHz to 1003MHz
More results

Similar Description - RFPD3890

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
D10040230P1 PDI-D10040230P1 Datasheet
134Kb / 4P
Hybrid Power Doubler amplifier module
logo
TriQuint Semiconductor
TAT8888 TRIQUINT-TAT8888_15 Datasheet
301Kb / 4P
CATV GaN Power Doubler Hybrid
logo
RF Micro Devices
QPA3230 RFMD-QPA3230 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid
QPA3240 RFMD-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid
RFPD3540 RFMD-RFPD3540 Datasheet
299Kb / 5P
GaAs/GaN Power Doubler Hybrid
RFPD3580 RFMD-RFPD3580 Datasheet
572Kb / 8P
GaAs/GaN Power Doubler Hybrid
logo
Qorvo, Inc
QPA3357 QORVO-QPA3357 Datasheet
256Kb / 4P
CATV Power Doubler Hybrid 1218MHz 28dB
RFPD3890 QORVO-RFPD3890 Datasheet
131Kb / 3P
27dB Power Doubler Hybrid 40MHz to 1003MHz
TAT8888 QORVO-TAT8888 Datasheet
341Kb / 4P
CATV GaN Power Doubler Hybrid
logo
Analog Devices
ADCA3990 AD-ADCA3990 Datasheet
233Kb / 9P
CATV Power Doubler Hybrid
1/2020-Revision 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com