Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5401 Datasheet (PDF) - Diotec Semiconductor

SM5401 Datasheet PDF - Diotec Semiconductor
Part # SM5401
Download  SM5401 Download
File Size   164.25 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Si-Rectifiers

SM5401 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5401 Datasheet PDF - Diotec Semiconductor

Part # SM5401
Download  SM5401 Click to download

File Size   164.25 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Si-Rectifiers

SM5401 Datasheet (HTML) - Diotec Semiconductor


SM5401 Product details

Surface Mount Si-Rectifiers

• Nominal current                                       3 A
• Repetitive peak reverse voltage 50...1000 V
• Plastic case MELF                       DO-213AB
• Weight approx.                                    0.12 g
• Plastic material has UL classification 94V-0




Similar Part No. - SM5401

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SM5401 DIOTEC-SM5401 Datasheet
110Kb / 2P
Surface Mount Si-Rectifiers
logo
Semikron International
SM5401 SEMIKRON-SM5401 Datasheet
107Kb / 2P
Standard silicon rectifier diodes
logo
PACELEADER INDUSTRIAL
SM5401 PACELEADER-SM5401 Datasheet
226Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
SM5401 LUGUANG-SM5401 Datasheet
150Kb / 2P
Surface Mount Rectifiers
logo
Diotec Semiconductor
SM5401 DIOTEC-SM5401 Datasheet
152Kb / 2P
Standard Recovery SMD Rectifier Diodes
More results


Similar Description - SM5401

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GL1A DIOTEC-GL1A Datasheet
157Kb / 2P
Surface Mount Si-Rectifiers
S1A DIOTEC-S1A Datasheet
165Kb / 2P
Surface Mount Si-Rectifiers
S2A DIOTEC-S2A Datasheet
165Kb / 2P
Surface Mount Si-Rectifiers
S3A DIOTEC-S3A Datasheet
166Kb / 2P
Surface Mount Si-Rectifiers
S3A DIOTEC-S3A_07 Datasheet
107Kb / 2P
Surface Mount Si-Rectifiers
S5A DIOTEC-S5A Datasheet
107Kb / 2P
Surface Mount Si-Rectifiers
SM5400 DIOTEC-SM5400_07 Datasheet
110Kb / 2P
Surface Mount Si-Rectifiers
SM5059 DIOTEC-SM5059_07 Datasheet
110Kb / 2P
Surface Mount Si-Rectifiers
SM4001Q DIOTEC-SM4001Q_08 Datasheet
129Kb / 2P
Surface Mount Si-Rectifiers
SM4001Q DIOTEC-SM4001Q_15 Datasheet
129Kb / 2P
Surface Mount Si-Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com