Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA679 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SA679 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SA679
Download  2SA679 Download
File Size   82.7 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Power Dissipation-: PC= 100W(Max.)@TC=25C

2SA679 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA679 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SA679
Download  2SA679 Click to download

File Size   82.7 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Power Dissipation-: PC= 100W(Max.)@TC=25C

2SA679 Datasheet (HTML) - Inchange Semiconductor Company Limited




Similar Part No. - 2SA679

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA679 ETC-2SA679 Datasheet
49Kb / 1P
SILICON PNP EPITAXIAL MESA TRANSISTOR (TENTATIVE)
logo
Savantic, Inc.
2SA679 SAVANTIC-2SA679 Datasheet
115Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA679 JMNIC-2SA679 Datasheet
191Kb / 3P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA679 SAVANTIC-2SA679 Datasheet
116Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA679 JMNIC-2SA679 Datasheet
191Kb / 3P
Silicon PNP Power Transistors
More results


Similar Description - 2SA679

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4CX300Y ETC2-4CX300Y Datasheet
99Kb / 1P
Plate Dissipation (Max.) 400 Watts Screen Dissipation (Max.) 8 Watts Grid Dissipation (Max.) 1 Watt
logo
Sanken electric
STD03N SANKEN-STD03N Datasheet
398Kb / 8P
High collector power dissipation: Pc=160W
logo
MAKO SEMICONDUCTOR CO.,...
2SB766 MAKOSEMI-2SB766 Datasheet
104Kb / 2P
Large collector power dissipation PC
2SB766A MAKOSEMI-2SB766A Datasheet
105Kb / 2P
Large collector power dissipation PC
logo
Suntan Capacitors
BZV55C SUNTAN-BZV55C Datasheet
347Kb / 3P
Total power dissipation: max. 500 mW
logo
Inchange Semiconductor ...
2SA680 ISC-2SA680 Datasheet
82Kb / 2P
High Power Dissipation-: PC= 100W(Max.)@TC=25C
2SB682 ISC-2SB682 Datasheet
112Kb / 2P
High Power Dissipation
2SB683 ISC-2SB683 Datasheet
111Kb / 2P
High Power Dissipation
logo
NXP Semiconductors
PDZ-B NXP-PDZ-B Datasheet
143Kb / 9P
Total power dissipation: max. 400 mW
2004 Mar 22
logo
First Components Intern...
MPSA44 FCI-MPSA44 Datasheet
185Kb / 2P
Power Dissipation Pcm= 625 mW (Ta=25C)
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com