Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA44 Datasheet (PDF) - First Components International

MPSA44 Datasheet PDF - First Components International
Part # MPSA44
Download  MPSA44 Download
File Size   185.8 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description Power Dissipation Pcm= 625 mW (Ta=25C)

MPSA44 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPSA44 Datasheet PDF - First Components International

Part # MPSA44
Download  MPSA44 Click to download

File Size   185.8 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description Power Dissipation Pcm= 625 mW (Ta=25C)

MPSA44 Datasheet (HTML) - First Components International


MPSA44 Product details

Feature
* Power Dissipation Pcm= 625 mW (Ta=25°C)
* Collector Current Icm=0.2A
* Collector-base Voltage Vbr (cbo)= 400V
* Operating and Storage Junction Temperature Range Tj. Tstg: -55°C ~ +150°C
* Marking A44




Similar Part No. - MPSA44

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA44 MOTOROLA-MPSA44 Datasheet
170Kb / 6P
High Voltage Transistor
logo
ON Semiconductor
MPSA44 ONSEMI-MPSA44 Datasheet
170Kb / 6P
High Voltage Transistor(NPN Silicon)
1996
logo
NXP Semiconductors
MPSA44 PHILIPS-MPSA44 Datasheet
42Kb / 8P
NPN high-voltage transistor
1999 Apr 27
logo
KEC(Korea Electronics)
MPSA44 KEC-MPSA44 Datasheet
78Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE)
logo
Micro Commercial Compon...
MPSA44 MCC-MPSA44 Datasheet
660Kb / 3P
NPN Silicon High Voltage Transistor 625mW
More results


Similar Description - MPSA44

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MPSA06 MCC-MPSA06 Datasheet
346Kb / 1P
NPN Small Signal Transistor 625 mW
MPSA06 MCC-MPSA06_11 Datasheet
234Kb / 2P
NPN Small Signal Transistor 625 mW
logo
Suntan Capacitors
BZV55C SUNTAN-BZV55C Datasheet
347Kb / 3P
Total power dissipation: max. 500 mW
logo
Inchange Semiconductor ...
2SA679 ISC-2SA679 Datasheet
82Kb / 2P
High Power Dissipation-: PC= 100W(Max.)@TC=25C
2SA680 ISC-2SA680 Datasheet
82Kb / 2P
High Power Dissipation-: PC= 100W(Max.)@TC=25C
logo
NXP Semiconductors
PBSS5350S PHILIPS-PBSS5350S Datasheet
74Kb / 8P
High power dissipation (830 mW)
2001 Nov 19
logo
Vishay Siliconix
PLZ VISHAY-PLZ Datasheet
163Kb / 9P
Zener Diodes Permitting 500 mW Power Dissipation
29-Nov-16
logo
NXP Semiconductors
PDZ-B NXP-PDZ-B Datasheet
143Kb / 9P
Total power dissipation: max. 400 mW
2004 Mar 22
logo
Micro Commercial Compon...
MPSA06 MCC-MPSA06_15 Datasheet
865Kb / 4P
NPN Small Signal Transistor 625 mW
logo
Vishay Siliconix
PLZ VISHAY-PLZ_V01 Datasheet
188Kb / 9P
Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com