Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N65 Datasheet (PDF) - Inchange Semiconductor Company Limited

7N65 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 7N65
Download  7N65 Download
File Size   137.09 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Drain Current ID= 7A@ TC=25C

7N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
7N65 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 7N65
Download  7N65 Click to download

File Size   137.09 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Drain Current ID= 7A@ TC=25C

7N65 Datasheet (HTML) - Inchange Semiconductor Company Limited


7N65 Product details

• FEATURES
• Drain Current ID= 7A@ TC=25℃
• Drain Source Voltage
   : VDSS= 650V(Min)
• Static Drain-Source On-Resistance
   : RDS(on) = 1.35Ω (Max) @VGS = 10 V
• Avalanche Energy Specified
• Fast Switching

• APPLICATIONS
   • High speed switching applications in power supplies
   • PWM motor controls
   • High efficient DC to DC converters and bridge circuits.




Similar Part No. - 7N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N65 UTC-7N65 Datasheet
150Kb / 8P
7 Amps, 650 Volts 7 Amps, 650 Volts
7N65 UTC-7N65 Datasheet
180Kb / 6P
7.4 Amps, 650 Volts N-CHANNEL POWER MOSFET
7N65 UTC-7N65 Datasheet
173Kb / 6P
7.4A, 650V N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
7N65 CHONGQING-7N65 Datasheet
194Kb / 2P
7A mps,650 Volts N-CHANNEL MOSFET
logo
DIYI Electronic Technol...
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
More results


Similar Description - 7N65

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
6N65 ISC-6N65 Datasheet
136Kb / 2P
Drain Current ID= 6.2A@ TC=25C
7N80 ISC-7N80 Datasheet
137Kb / 2P
Drain Current ID= 7A@ TC=25C
13N50 ISC-13N50 Datasheet
136Kb / 2P
Drain Current ID= 13A@ TC=25C
2N15 ISC-2N15 Datasheet
65Kb / 2P
Drain Current ID= 2A@ TC=25C
2N20 ISC-2N20 Datasheet
68Kb / 2P
Drain Current ID= 2A@ TC=25C
2N90 ISC-2N90 Datasheet
68Kb / 2P
Drain Current ID= 2A@ TC=25C
2SK684 ISC-2SK684 Datasheet
65Kb / 2P
Drain Current ?밒D=7A@ TC=25C
2SK723 ISC-2SK723 Datasheet
58Kb / 2P
Drain Current ?밒D=7A@ TC=25C
2SK1081 ISC-2SK1081 Datasheet
69Kb / 2P
Drain Current ?밒D=7A@ TC=25C
2SK1692 ISC-2SK1692 Datasheet
67Kb / 2P
Drain Current ?밒D=7A@ TC=25C
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com