Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N65 Datasheet (PDF) - Unisonic Technologies

7N65 Datasheet PDF - Unisonic Technologies
Part # 7N65
Download  7N65 Download
File Size   173.56 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 7.4A, 650V N-CHANNEL POWER MOSFET

7N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
7N65 Datasheet PDF - Unisonic Technologies

Part # 7N65
Download  7N65 Click to download

File Size   173.56 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 7.4A, 650V N-CHANNEL POWER MOSFET

7N65 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 7N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N65 UTC-7N65 Datasheet
150Kb / 8P
7 Amps, 650 Volts 7 Amps, 650 Volts
7N65 UTC-7N65 Datasheet
180Kb / 6P
7.4 Amps, 650 Volts N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
7N65 ISC-7N65 Datasheet
137Kb / 2P
Drain Current ID= 7A@ TC=25C
logo
Chongqing Pingwei Enter...
7N65 CHONGQING-7N65 Datasheet
194Kb / 2P
7A mps,650 Volts N-CHANNEL MOSFET
logo
DIYI Electronic Technol...
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
More results


Similar Description - 7N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60 UTC-7N60_12 Datasheet
193Kb / 6P
7.4A, 600V N-CHANNEL POWER MOSFET
7N60Z UTC-7N60Z_11 Datasheet
184Kb / 6P
7.4A, 600V N-CHANNEL POWER MOSFET
7N65Z UTC-7N65Z Datasheet
191Kb / 6P
7.4A, 650V N-CHANNEL POWER MOSFET
7N65L UTC-7N65L Datasheet
178Kb / 6P
7.4A, 650V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOK8N80 AOSMD-AOK8N80 Datasheet
310Kb / 5P
800V,7.4A N-Channel MOSFET
AOT8N80 AOSMD-AOT8N80 Datasheet
354Kb / 6P
800V, 7.4A N-Channel MOSFET
logo
Unisonic Technologies
7N60K UTC-7N60K Datasheet
265Kb / 6P
7.4A, 600V N-CHANNEL POWER MOSFET
7N65K UTC-7N65K Datasheet
204Kb / 6P
7.4A, 650V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ7N60 DGNJDZ-NJ7N60 Datasheet
931Kb / 7P
7.4A 600V N-CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com