Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS340 Datasheet (PDF) - Diotec Semiconductor

SMS340 Datasheet PDF - Diotec Semiconductor
Part # SMS340
Download  SMS340 Download
File Size   132.18 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Schottky-Rectifiers

SMS340 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMS340 Datasheet PDF - Diotec Semiconductor

Part # SMS340
Download  SMS340 Click to download

File Size   132.18 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Schottky-Rectifiers

SMS340 Datasheet (HTML) - Diotec Semiconductor


SMS340 Product details

• Nominal current                                         3 A
• Repetitive peak reverse voltage     20...100 V
• Plastic case MELF                         DO-213AB
• Weight approx.                                       0.12g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled
   




Similar Part No. - SMS340

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS340 DIOTEC-SMS340 Datasheet
112Kb / 2P
Surface Mount Schottky Rectifier Diodes
SMS340 DIOTEC-SMS340 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SMS340 DIOTEC-SMS340 Datasheet
152Kb / 2P
SMD Schottky Barrier Rectifier Diodes
logo
SeCoS Halbleitertechnol...
SMS3400A SECOS-SMS3400A Datasheet
302Kb / 3P
N-Channel Enhancement Mode Power MOSFET
SMS3400A SECOS-SMS3400A Datasheet
302Kb / 3P
N-Channel Enhancement Mode Power MOSFET
More results


Similar Description - SMS340

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
SL1045 JUXING-SL1045 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
SK1040XT JUXING-SK1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
SL10T150 JUXING-SL10T150 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
GSD1045S JUXING-GSD1045S Datasheet
4Mb / 2P
Surface Mount Schottky Rectifiers
MBR1040XT JUXING-MBR1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SSU13S YFWDIODE-SSU13S Datasheet
480Kb / 3P
SURFACE MOUNT SCHOTTKY RECTIFIERS
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com