Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS340 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SMS340
Description  Surface Mount Schottky-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SMS340 Datasheet(HTML) 1 Page - Diotec Semiconductor

  SMS340 Datasheet HTML 1Page - Diotec Semiconductor SMS340 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1)I
F = 3 A, TA = 25
/C
2) Max. temperature of the terminals T
T = 100
/C – Max. Temperatur der Anschlüsse T
T = 100
/C
1
03.06.2003
SMS 320 … SMS 3100
Schottky-Gleichrichter
Surface Mount Schottky-Rectifiers
für die Oberflächenmontage
Nominal current – Nennstrom
3 A
Repetitive peak reverse voltage
20…100 V
Periodische Spitzensperrspannung
Plastic case MELF
DO-213AB
Kunststoffgehäuse MELF
Weight approx. – Gewicht ca.
0.12 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped and reeled
see page 18
Standard Lieferform gegurtet auf Rolle
siehe Seite 18
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspg.
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
Forward voltage
Durchlaßspannung
V
F [V]
1)
SMS 320
20
20
< 0.50
SMS 330
30
30
< 0.50
SMS 340
40
40
< 0.50
SMS 350
50
50
< 0.70
SMS 360
60
60
< 0.70
SMS 390
90
90
< 0.79
SMS 3100
100
100
< 0.79
Max. average forward rectified current, R-load
T
T = 100
/CI
FAV
3 A
Dauergrenzstrom in Einwegschaltung mit R-Last
Repetitive peak forward current
f > 15 Hz
I
FRM
12 A 2)
Periodischer Spitzenstrom
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
50 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Rating for fusing, t < 10 ms
T
A = 25
/Ci2t
12.5 A2s
Grenzlastintegral, t < 10 ms


Similar Part No. - SMS340

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS340 DIOTEC-SMS340 Datasheet
112Kb / 2P
Surface Mount Schottky Rectifier Diodes
SMS340 DIOTEC-SMS340 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SMS340 DIOTEC-SMS340 Datasheet
152Kb / 2P
SMD Schottky Barrier Rectifier Diodes
logo
SeCoS Halbleitertechnol...
SMS3400A SECOS-SMS3400A Datasheet
302Kb / 3P
N-Channel Enhancement Mode Power MOSFET
SMS3400A SECOS-SMS3400A Datasheet
302Kb / 3P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SMS340

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
SL1045 JUXING-SL1045 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
SK1040XT JUXING-SK1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
SL10T150 JUXING-SL10T150 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
GSD1045S JUXING-GSD1045S Datasheet
4Mb / 2P
Surface Mount Schottky Rectifiers
MBR1040XT JUXING-MBR1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SSU13S YFWDIODE-SSU13S Datasheet
480Kb / 3P
SURFACE MOUNT SCHOTTKY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com