Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40D Datasheet (PDF) - Diotec Semiconductor

B40D Datasheet PDF - Diotec Semiconductor
Part # B40D
Download  B40D Download
File Size   140.99 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Bridge Rectifiers

B40D Datasheet (PDF)

Go To PDF Page Download Datasheet
B40D Datasheet PDF - Diotec Semiconductor

Part # B40D
Download  B40D Click to download

File Size   140.99 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Bridge Rectifiers

B40D Datasheet (HTML) - Diotec Semiconductor


B40D Product details

Silicon-Bridge-Rectifiers

• Nominal current                               1 A
• Alternating input voltage       40...500 V
• Plastic case DIL     8.3 x 6.4 x 3.1[mm]
• Weight approx.                             0.4 g
• Plastic material has UL classification 94V-0
• Standard packaging: plastic tubes




Similar Part No. - B40D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
B40D IRF-B40D Datasheet
340Kb / 6P
POWER MODULES DIODE
logo
Semikron International
B40D SEMIKRON-B40D Datasheet
159Kb / 2P
Si-Bridge Rectifiers
logo
Diotec Semiconductor
B40D DIOTEC-B40D Datasheet
151Kb / 2P
Silicon-Bridge-Rectifiers
logo
Shenzhen Luguang Electr...
B40D LUGUANG-B40D Datasheet
214Kb / 2P
Silicon Bridge Rectifiers
logo
Diode Semiconductor Kor...
B40D DSK-B40D Datasheet
141Kb / 2P
SILICON BRIDGE RECTIFIERS
More results


Similar Description - B40D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com