Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40D Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # B40D
Description  Silicon-Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

B40D Datasheet(HTML) 2 Page - Diotec Semiconductor

  B40D Datasheet HTML 1Page - Diotec Semiconductor B40D Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Valid for one branch – Gültig für einen Brückenzweig
2) Valid, if mounted on P.C. board with 25 mm2 copper pads at each terminal
Dieser Wert gilt bei Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluß
2
F:\Data\WP\DatBlatt\Einzelblätter\b40d-500d.wpd
B 40D … B 500D
Characteristics
Kennwerte
Max. average forward rectified current
T
A = 50
/CR-load
I
FAV
1.0 A 2)
Dauergrenzstrom
C-load
I
FAV
0.8 A 2)
Forward voltage – Durchlaßspannung
T
j = 25
/CI
F = 1 A
V
F
< 1.1 V 1)
Leakage current – Sperrstrom
T
j = 25
/CV
R = VRRM
I
R
< 10
:A
Thermal resistance junction to ambient air
R
thA
< 60 K/W 2)
Wärmewiderstand Sperrschicht – umgebende Luft
Type
Typ
Max. admissible load capacitor
Max. zulässiger Ladekondensator
C
L [
:F]
Min. required protective resistor
Min. erforderl. Schutzwiderstand
R
t [
S]
B 40D
5000
0.8
B 80D
2500
1.6
B 125D
1500
2.5
B 250D
800
5.0
B 380D
600
8.0
B 500D
400
10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com