Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC344ALP3E Datasheet (PDF) - Analog Devices

HMC344ALP3E Datasheet PDF - Analog Devices
Part # HMC344ALP3E
Download  HMC344ALP3E Download
File Size   495.22 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz

HMC344ALP3E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC344ALP3E Datasheet PDF - Analog Devices

Part # HMC344ALP3E
Download  HMC344ALP3E Click to download

File Size   495.22 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz

HMC344ALP3E Datasheet (HTML) - Analog Devices


HMC344ALP3E Product details

General Description
The HMC344ALP3E is a broadband non-reflective GaAs MESFET SP4T switch in a low cost leadless surface mount packages. Covering DC to 8 GHz, this switch offers high isolation and low insertion loss and extends the frequency coverage of Hittite’s SP4T switch product line. This switch also includes an on board binary decoder circuit which reduces the required logic control lines to two. The switch operates using a negative control voltage of 0/-5V, and requires a fixed bias of -5V.

Features
   Broadband Performance: DC - 8 GHz
   High Isolation: 36 dB@ 6 GHz
   Low Insertion Loss: 1.7 dB@ 6 GHz
   Integrated 2:4 TTL Decoder
   16 Lead 3x3mm QFN Package: 9 mm²

Typical applications
This switch is suitable for usage in DC - 8.0 GHz
50-Ohm or 75-Ohm systems:
• Broadband
• Fiber Optics
• Switched Filter Banks
• Wireless below 8 GHz




Similar Part No. - HMC344ALP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC344 HITTITE-HMC344 Datasheet
167Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344 HITTITE-HMC344 Datasheet
152Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz
HMC344 HITTITE-HMC344 Datasheet
211Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
logo
Micross Components
HMC344 MICROSS-HMC344 Datasheet
798Kb / 9P
Telecom Infrastructure
logo
Hittite Microwave Corpo...
HMC344LC3 HITTITE-HMC344LC3 Datasheet
392Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz
More results


Similar Description - HMC344ALP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC344LH5 HITTITE-HMC344LH5 Datasheet
304Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 12 GHz
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
HMC344 HITTITE-HMC344_09 Datasheet
152Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz
HMC344LC3 HITTITE-HMC344LC3_11 Datasheet
392Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz
HMC344LP3 HITTITE-HMC344LP3_11 Datasheet
423Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz
HMC641 HITTITE-HMC641 Datasheet
169Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz
logo
Analog Devices
HMC345ALP3E AD-HMC345ALP3E Datasheet
497Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com