Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC6545 Datasheet (PDF) - Analog Devices

HMC6545 Datasheet PDF - Analog Devices
Part # HMC6545
Download  HMC6545 Download
File Size   1398.35 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32 Gbps Dual Channel Advanced Linear Equalizer

HMC6545 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC6545 Datasheet PDF - Analog Devices

Part # HMC6545
Download  HMC6545 Click to download

File Size   1398.35 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32 Gbps Dual Channel Advanced Linear Equalizer

HMC6545 Datasheet (HTML) - Analog Devices




Similar Part No. - HMC6545

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC654 HITTITE-HMC654 Datasheet
345Kb / 8P
WIDEBAND FIXED ATTENUATOR FAMILY, DC - 50 GHz
logo
Analog Devices
HMC654 AD-HMC654 Datasheet
476Kb / 8P
WIDEBAND FIXED ATTENUATOR FAMILY
HMC654 AD-HMC654 Datasheet
531Kb / 8P
WIDEBAND FIXED ATTENUATOR FAMILY, DC - 50 GHz HMC650 / 651 / 652 / 653 / 654 / 655 / 656 / 657 / 658
v02.0218
logo
Hittite Microwave Corpo...
HMC654LP2E HITTITE-HMC654LP2E Datasheet
212Kb / 4P
WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
More results


Similar Description - HMC6545

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1102E TI-TLK1102E Datasheet
1Mb / 31P
11.3-Gbps Dual-Channel Cable and PC Board Equalizer
SN65LVPE502 TI-SN65LVPE502 Datasheet
1Mb / 24P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502_1 Datasheet
1Mb / 27P
Dual Channel USB3.0 Redriver/Equalizer
TLK1102E TI-TLK1102E_10 Datasheet
1Mb / 32P
11.3-Gbps Dual-Channel Cable and PC Board Equalizer
SN65LVCP1412 TI-SN65LVCP1412 Datasheet
1Mb / 26P
14.2-GBPS Dual Channel, Dual Mode Linear Equalizer
SN65LVCP1414 TI1-SN65LVCP1414 Datasheet
1Mb / 26P
14.2-Gbps Quad Channel, Dual Mode Linear Equalizer
TUSB1002 TI1-TUSB1002 Datasheet
1Mb / 28P
USB3.1 10 Gbps Dual-Channel Linear Redriver
EQ50F100 TI1-EQ50F100 Datasheet
5Mb / 18P
1Gbps - 6.25 Gbps Backplane Equalizer
TUSB1002A TI1-TUSB1002A Datasheet
1Mb / 31P
USB3.2 10 Gbps Dual-Channel Linear Redriver
logo
NXP Semiconductors
PTN3944 NXP-PTN3944 Datasheet
577Kb / 42P
Multi-channel PCIe 4.0 linear equalizer
Rev. 1.1 ??10 June 2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com