Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8104ABPZ Datasheet (PDF) - Analog Devices

AD8104ABPZ Datasheet PDF - Analog Devices
Part # AD8104ABPZ
Download  AD8104ABPZ Download
File Size   879.78 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 600 MHz, 32 x 16 Buffered Analog Crosspoint Switch

AD8104ABPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8104ABPZ Datasheet PDF - Analog Devices

Part # AD8104ABPZ
Download  AD8104ABPZ Click to download

File Size   879.78 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 600 MHz, 32 x 16 Buffered Analog Crosspoint Switch

AD8104ABPZ Datasheet (HTML) - Analog Devices


AD8104ABPZ Product details

GENERAL DESCRIPTION
The AD8104/AD8105 are high speed, 32 × 16 analog crosspoint switch matrices. They offer 600 MHz bandwidth and slew rate of 1800 V/μs for high resolution computer graphics (RGB) signal switching. With less than −70 dB of crosstalk and −90 dB isola tion (@ 5 MHz), the AD8104/AD8105 are useful in many high speed applications. The 0.1 dB flatness, which is greater than 50 MHz, makes the AD8104/AD8105 ideal for composite video switching.

FEATURES
   High channel count, 32 × 16 high speed, nonblocking
      switch array
   Differential or single-ended operation
   Differential G = +1 (AD8104) or G = +2 (AD8105)
   Pin compatible with AD8117/AD8118, 32 × 32 switch arrays
   Flexible power supplies
      Single +5 V supply, or dual ±2.5 V supplies
   Serial or parallel programming of switch array
   High impedance output disable allows connection of
      multiple devices with minimal loading on output bus
   Excellent video performance
      >50 MHz 0.1 dB gain flatness
      0.05% differential gain error (RL = 150 Ω)
      0.05° phase error (RL = 150 Ω)
   Excellent ac performance
      Bandwidth: 600 MHz
      Slew rate: 1800 V/μs
      Settling time: 2.5 ns to 1%
   Low power of 1.7 W
   Low all hostile crosstalk
      < −70 dB @ 5 MHz
      < −40 dB @ 600 MHz
   Reset pin allows disabling of all outputs (connected through
      a capacitor to ground provides power-on reset capability)
   304-ball BGA package (31 mm × 31 mm)

APPLICATIONS
   Routing of high speed signals including
      RGB and component video routing
      KVM
      Compressed video (MPEG, wavelet)
      Data communications




Similar Part No. - AD8104ABPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8104 AD-AD8104 Datasheet
1,017Kb / 36P
600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
More results


Similar Description - AD8104ABPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8110 AD-AD8110 Datasheet
441Kb / 28P
260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV.0
AD8116 AD-AD8116 Datasheet
287Kb / 26P
200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV.A
AD8117 AD-AD8117_07 Datasheet
1,021Kb / 36P
600 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. A
ADV3200 AD-ADV3200 Datasheet
1Mb / 36P
300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. 0
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
750 MHz, 16 x 16 Analog Crosspoint Switch
REV. 0
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
750 MHz, 16 x 8 Analog Crosspoint Switch
REV. B
AD8117 AD-AD8117_16 Datasheet
935Kb / 36P
Buffered Analog Crosspoint Switch
5/16-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com