Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS50D Datasheet (PDF) - Diotec Semiconductor

CS50D Datasheet PDF - Diotec Semiconductor
Part # CS50D
Download  CS50D Download
File Size   142.65 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Schottky-Bridge Rectifiers

CS50D Datasheet (PDF)

Go To PDF Page Download Datasheet
CS50D Datasheet PDF - Diotec Semiconductor

Part # CS50D
Download  CS50D Click to download

File Size   142.65 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Schottky-Bridge Rectifiers

CS50D Datasheet (HTML) - Diotec Semiconductor


CS50D Product details

Nominal current – Nennstrom 1 A

Alternating input voltage 10…50 V

DIL-plastic case 8.3 x 6.4 x 3.1 [mm]

Weight approx.  0.4 g

Plastic material has UL classification 94V-0

 




Similar Part No. - CS50D

ManufacturerPart #DatasheetDescription
logo
Semikron International
CS50D SEMIKRON-CS50D Datasheet
194Kb / 2P
Bridge rectifiers
logo
Diotec Semiconductor
CS50D DIOTEC-CS50D Datasheet
131Kb / 2P
Schottky-Bridge-Rectifiers
logo
Semikron International
CS50D SEMIKRON-CS50D Datasheet
198Kb / 2P
Bridge rectifiers
More results


Similar Description - CS50D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
CS10D DIOTEC-CS10D_07 Datasheet
131Kb / 2P
Schottky-Bridge-Rectifiers
logo
Taiwan Semiconductor Co...
SBS34 TSC-SBS34 Datasheet
232Kb / 3P
Schottky Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
EBSS210 SECOS-EBSS210 Datasheet
184Kb / 2P
Schottky Barrier Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
MBFH22S BILIN-MBFH22S Datasheet
451Kb / 4P
Schottky Bridge Rectifiers
MBFH25S BILIN-MBFH25S Datasheet
389Kb / 4P
Schottky Bridge Rectifiers
Rev.B
MBFH32S BILIN-MBFH32S Datasheet
452Kb / 4P
Schottky Bridge Rectifiers
Rev.B
MBFH35S BILIN-MBFH35S Datasheet
389Kb / 4P
Schottky Bridge Rectifiers
Rev.B
TDFH55S BILIN-TDFH55S Datasheet
450Kb / 4P
Schottky Bridge Rectifiers
Rev.B
MBF38S BILIN-MBF38S Datasheet
452Kb / 4P
Schottky Bridge Rectifiers
Rev.B
logo
SAMYANG ELECTRONICS CO....
ABSB22S SAMYANG-ABSB22S Datasheet
1Mb / 3P
Schottky Bridge Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com