Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS50D Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # CS50D
Description  Schottky-Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

CS50D Datasheet(HTML) 1 Page - Diotec Semiconductor

  CS50D Datasheet HTML 1Page - Diotec Semiconductor CS50D Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Valid for one branch – Gültig für einen Brückenzweig
2)I
F = 1 A, Tj = 25
/C
3) Valid, if the temperature of the terminals is kept to 100
/C
Gültig, wenn die Temperatur der Anschlüsse auf 100
/C gehalten wird
1
11.02.2003
CS 10D … CS 50D
Schottky-Bridge Rectifiers
Schottky-Brückengleichrichter
Nominal current – Nennstrom
1 A
Alternating input voltage
10…50 V
Eingangswechselspannung
DIL-plastic case
8.3 x 6.4 x 3.1 [mm]
DIL-Kunststoffgehäuse
Weight approx. – Gewicht ca.
0.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging: plastic tubes
see page 22
Standard Lieferform: Plastik-Schienen siehe Seite 22
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Alternating input voltage
Eingangswechselspannung
V
VRMS [V]
Repetitive peak reverse volt.
Period. Spitzensperrspannung
V
RRM [V]
1)
Forward voltage
Durchlaßspannung
V
F [V]
1, 2)
CS 10D
10
20
< 0.50
CS 20D
20
40
< 0.50
CS 30D
30
60
< 0.70
CS 40D
40
80
< 0.79
CS 50D
50
100
< 0.79
Repetitive peak forward current
f > 15 Hz
I
FRM
10 A 3)
Periodischer Spitzenstrom
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
40 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Rating for fusing, t < 10 ms
T
A = 25
/Ci2t8 A2s
Grenzlastintegral, t < 10 ms
Operating junction temperature – Sperrschichttemperatur
T
j
– 50...+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50...+150
/C


Similar Part No. - CS50D

ManufacturerPart #DatasheetDescription
logo
Semikron International
CS50D SEMIKRON-CS50D Datasheet
194Kb / 2P
Bridge rectifiers
logo
Diotec Semiconductor
CS50D DIOTEC-CS50D Datasheet
131Kb / 2P
Schottky-Bridge-Rectifiers
logo
Semikron International
CS50D SEMIKRON-CS50D Datasheet
198Kb / 2P
Bridge rectifiers
More results

Similar Description - CS50D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
CS10D DIOTEC-CS10D_07 Datasheet
131Kb / 2P
Schottky-Bridge-Rectifiers
logo
Taiwan Semiconductor Co...
SBS34 TSC-SBS34 Datasheet
232Kb / 3P
Schottky Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
EBSS210 SECOS-EBSS210 Datasheet
184Kb / 2P
Schottky Barrier Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
MBFH22S BILIN-MBFH22S Datasheet
451Kb / 4P
Schottky Bridge Rectifiers
MBFH25S BILIN-MBFH25S Datasheet
389Kb / 4P
Schottky Bridge Rectifiers
Rev.B
MBFH32S BILIN-MBFH32S Datasheet
452Kb / 4P
Schottky Bridge Rectifiers
Rev.B
MBFH35S BILIN-MBFH35S Datasheet
389Kb / 4P
Schottky Bridge Rectifiers
Rev.B
TDFH55S BILIN-TDFH55S Datasheet
450Kb / 4P
Schottky Bridge Rectifiers
Rev.B
MBF38S BILIN-MBF38S Datasheet
452Kb / 4P
Schottky Bridge Rectifiers
Rev.B
logo
SAMYANG ELECTRONICS CO....
ABSB22S SAMYANG-ABSB22S Datasheet
1Mb / 3P
Schottky Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com