Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTN19060CFF Datasheet (PDF) - Diodes Incorporated

ZXTN19060CFF Datasheet PDF - Diodes Incorporated
Part # ZXTN19060CFF
Download  ZXTN19060CFF Download
File Size   377.6 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V NPN HIGH GAIN POWER TRANSISTOR

ZXTN19060CFF Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN19060CFF Datasheet PDF - Diodes Incorporated

Part # ZXTN19060CFF
Download  ZXTN19060CFF Click to download

File Size   377.6 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V NPN HIGH GAIN POWER TRANSISTOR

ZXTN19060CFF Datasheet (HTML) - Diodes Incorporated


ZXTN19060CFF Product details

Description
Advanced process capability has been used to maximise the performance of this transistor. The SOT23F package is pin compatible with the industry standard SOT23 footprint but offers lower profile and higher dissipation for applications where power density is of utmost importance

Features
• BVCEO > 60V
• BVCEX > 160V
• BVECO > 6V
• IC = 5.5A Continuous Collector Current
• Low Saturation Voltage VCE(SAT) < 45mV @ 1A
• RCE(SAT) = 26mΩ
• hFE Characterised Up to 6A
• 1.5W Power Dissipation
• Complementary PNP Type: ZXTP19060CFF
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Line Switching
• Motor Driving (Including DC Fans)
• High-Side Switches
• Subscriber Line Interface Cards (SLIC)




Similar Part No. - ZXTN19060CFF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN19060CFF ZETEX-ZXTN19060CFF Datasheet
513Kb / 6P
60V, SOT23F, NPN high gain power transistor
ZXTN19060CFFTA ZETEX-ZXTN19060CFFTA Datasheet
513Kb / 6P
60V, SOT23F, NPN high gain power transistor
More results


Similar Description - ZXTN19060CFF

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1639 ROHM-2SB1639 Datasheet
29Kb / 1P
High-current gain Power Transistor (-60V, -3A)
2SD2318 ROHM-2SD2318 Datasheet
75Kb / 3P
High-current gain Power Transistor(60V, 3A)
logo
Zetex Semiconductors
ZXTN19060CFF ZETEX-ZXTN19060CFF Datasheet
513Kb / 6P
60V, SOT23F, NPN high gain power transistor
logo
Rohm
2SD2318 ROHM-2SD2318_10 Datasheet
141Kb / 3P
High-current gain Power Transistor (60V, 3A)
logo
Diodes Incorporated
FCX493A DIODES-FCX493A Datasheet
296Kb / 7P
60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
Rev 1
FZT493A DIODES-FZT493A Datasheet
515Kb / 7P
60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 1
FCX493A DIODES-FCX493A_15 Datasheet
296Kb / 7P
60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
Rev 1
FZT493A DIODES-FZT493A_15 Datasheet
515Kb / 7P
60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 1
ZXTN07012EFF DIODES-ZXTN07012EFF_16 Datasheet
372Kb / 7P
12V NPN HIGH GAIN POWER TRANSISTOR
Rev 2
ZXTN19020CFF DIODES-ZXTN19020CFF_16 Datasheet
340Kb / 7P
20V NPN HIGH GAIN POWER TRANSISTOR
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com