Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP07012EFFTA Datasheet (PDF) - Diodes Incorporated

ZXTP07012EFFTA Datasheet PDF - Diodes Incorporated
Part # ZXTP07012EFFTA
Download  ZXTP07012EFFTA Download
File Size   381.95 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12V PNP LOW SATURATION TRANSISTOR

ZXTP07012EFFTA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP07012EFFTA Datasheet PDF - Diodes Incorporated

Part # ZXTP07012EFFTA
Download  ZXTP07012EFFTA Click to download

File Size   381.95 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12V PNP LOW SATURATION TRANSISTOR

ZXTP07012EFFTA Datasheet (HTML) - Diodes Incorporated


ZXTP07012EFFTA Product details

Description
This low voltage PNP transistor has been designed for applications  requiring high gain and very low saturation voltage. The SOT23F package is pin compatible with the industry standard SOT23 footprint  but offers lower profile and higher dissipation for applications where  power density is of utmost importance.

Features
• BVCEO > -12V
• IC = -4A Continuous Collector Current
• Low Saturation Voltage VCE(SAT) < 75mV @ 1A
• RCE(SAT) = 50mΩ
• hFE Characterised Up to -6A
• High hFE Min 400 @ 1A
• 1.5W Power Dissipation
• Complementary NPN Type: ZXTN07012EFF
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Boost Converters
• MOSFET and IGBT Gate Drivers
• Lamp and Relay Driver
• Motor Drive
• Siren Driver




Similar Part No. - ZXTP07012EFFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP07012EFFTA ZETEX-ZXTP07012EFFTA Datasheet
441Kb / 6P
12V, SOT23F, PNP medium power transistor
More results


Similar Description - ZXTP07012EFFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10P12DE6 ZETEX-ZXT10P12DE6 Datasheet
232Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P12DE6 ZETEX-ZXT13P12DE6 Datasheet
413Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P12DX ZETEX-ZXT14P12DX Datasheet
261Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT1M322 ZETEX-ZXT1M322 Datasheet
188Kb / 6P
12V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13P12DE6 DIODES-ZXT13P12DE6 Datasheet
423Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
DECEMBER 1999
ZXTP717MA DIODES-ZXTP717MA Datasheet
164Kb / 7P
12V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
ZXTPS717MC DIODES-ZXTPS717MC Datasheet
270Kb / 10P
12V PNP LOW SATURATION TRANSISTOR AND
Rev 2
ZXTD1M832 DIODES-ZXTD1M832 Datasheet
429Kb / 6P
DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
ZXT14P12DX DIODES-ZXT14P12DX Datasheet
266Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXTP717MA DIODES-ZXTP717MA_15 Datasheet
164Kb / 7P
12V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com