Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP25140BFHQ Datasheet (PDF) - Diodes Incorporated

ZXTP25140BFHQ Datasheet PDF - Diodes Incorporated
Part # ZXTP25140BFHQ
Download  ZXTP25140BFHQ Download
File Size   476.07 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 140V PNP MEDIUM POWER TRANSISTOR

ZXTP25140BFHQ Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP25140BFHQ Datasheet PDF - Diodes Incorporated

Part # ZXTP25140BFHQ
Download  ZXTP25140BFHQ Click to download

File Size   476.07 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 140V PNP MEDIUM POWER TRANSISTOR

ZXTP25140BFHQ Datasheet (HTML) - Diodes Incorporated


ZXTP25140BFHQ Product details

Description
This Bipolar Junction Transistor (BJT) is designed to meet the stringent requirements of Automotive Applications.

Features
• BVCEO > -140V
• BVECO > -7V
• IC = -1A Continuous Collector Current
• VCE(sat) < -260mV @ -1A
• RCE(sat) = 180mΩ
• High Power Dissipation SOT23
• 180V Forward Blocking Voltage
• Low Saturation Voltage
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Applications
• DC-DC Converters
• High Side Switching




Similar Part No. - ZXTP25140BFHQ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25140BFH ZETEX-ZXTP25140BFH Datasheet
388Kb / 6P
140V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25140BFH DIODES-ZXTP25140BFH Datasheet
394Kb / 6P
140V, SOT23, PNP medium power transistor
MARCH 2006
logo
Zetex Semiconductors
ZXTP25140BFHTA ZETEX-ZXTP25140BFHTA Datasheet
388Kb / 6P
140V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25140BFHTA DIODES-ZXTP25140BFHTA Datasheet
394Kb / 6P
140V, SOT23, PNP medium power transistor
MARCH 2006
More results


Similar Description - ZXTP25140BFHQ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP23140BFH ZETEX-ZXTP23140BFH Datasheet
386Kb / 6P
140V SOT23 PNP medium power transistor
ZXTP25140BFH ZETEX-ZXTP25140BFH Datasheet
388Kb / 6P
140V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
DXT2014P5 DIODES-DXT2014P5 Datasheet
200Kb / 7P
140V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
DS32009 Rev. 2 - 2
ZXTP2014G DIODES-ZXTP2014G Datasheet
119Kb / 6P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
JUNE 2005
ZXTP23140BFH DIODES-ZXTP23140BFH Datasheet
393Kb / 6P
140V SOT23 PNP medium power transistor
FEBRUARY 2006
ZXTP25140BFH DIODES-ZXTP25140BFH Datasheet
394Kb / 6P
140V, SOT23, PNP medium power transistor
MARCH 2006
DXT2014P5 DIODES-DXT2014P5_15 Datasheet
200Kb / 7P
140V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
Rev 2
FZT955 DIODES-FZT955_15 Datasheet
638Kb / 7P
140V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FZT955 DIODES-FZT955_16 Datasheet
615Kb / 7P
140V PNP MEDIUM POWER TRANSISTOR
Rev 6
logo
Leshan Radio Company
LBTP4140Z4TZHG LRC-LBTP4140Z4TZHG Datasheet
460Kb / 5P
140V PNP MEDIUM POWER TRANSISTOR
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com