Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4215 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SC4215 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SC4215
Download  2SC4215 Download
File Size   188.46 Kbytes
Page   4 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Small Feedback Capacitance

2SC4215 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4215 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SC4215
Download  2SC4215 Click to download

File Size   188.46 Kbytes
Page   4 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Small Feedback Capacitance

2SC4215 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SC4215 Product details

DESCRIPTION
• Low Noise NF = 2 dB TYP., @ f = 100MHz
• Small Feedback Capacitance Cre = 0.55pF TYP.

APPLICATIONS
• High frequency amplifier applications
• FM, RF ,MIX, IF amplifier applications




Similar Part No. - 2SC4215

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4215 TOSHIBA-2SC4215 Datasheet
172Kb / 4P
NPN EPITAXIAL PLANAR TYPE (HIGH FREQUENCY FM, RF, MIX, IF AMPLIFIERAPPLICATIONS)
2SC4215 TOSHIBA-2SC4215 Datasheet
519Kb / 5P
Silicon NPN Epitaxial Planar Type High Frequency Amplifier Applications
logo
Guangdong Kexin Industr...
2SC4215 KEXIN-2SC4215 Datasheet
45Kb / 1P
Silicon NPN Epitaxial
logo
Weitron Technology
2SC4215 WEITRON-2SC4215 Datasheet
604Kb / 4P
NPN Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
More results


Similar Description - 2SC4215

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB15A105 TOREX-XB15A105 Datasheet
112Kb / 2P
Small Diode Capacitance
logo
STMicroelectronics
BAS69 STMICROELECTRONICS-BAS69 Datasheet
105Kb / 9P
Low capacitance small signal Schottky diodes
24-Jul-2006
BAT41 STMICROELECTRONICS-BAT41_06 Datasheet
153Kb / 12P
Low capacitance small signal Schottky diodes
08-Aug-2006
logo
Surge Components
CAE-KX SURGE-CAE-KX Datasheet
919Kb / 1P
high capacitance with small package
logo
HuaXinAn Electronics CO...
HA37-141N HUAXINAN-HA37-141N Datasheet
335Kb / 7P
Small capacitance and excellent insulation resistance
HAB-141N HUAXINAN-HAB-141N Datasheet
317Kb / 5P
Small capacitance and excellent insulation resistance
HAS-301M HUAXINAN-HAS-301M Datasheet
339Kb / 8P
Small capacitance and excellent insulation resistance
logo
Illinois Capacitor, Inc...
MHBS ILLINOISCAPACITOR-MHBS Datasheet
724Kb / 11P
Small size - High voltage ??High Capacitance
logo
Cornell Dubilier Electr...
SLPX CDE-SLPX Datasheet
376Kb / 9P
Small case size with high capacitance
logo
EHAOAN.
EH-IRR508C EHAOAN-EH-IRR508C Datasheet
409Kb / 5P
Small junction capacitance
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com