Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5227 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SC5227 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SC5227
Download  2SC5227 Download
File Size   266.84 Kbytes
Page   5 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Gain Bandwidth Product

2SC5227 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5227 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SC5227
Download  2SC5227 Click to download

File Size   266.84 Kbytes
Page   5 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Gain Bandwidth Product

2SC5227 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SC5227 Product details

DESCRIPTION
• High Gain Bandwidth Product
    fT = 7 GHz TYP.
• High Gain, Low Noise Figure
    |S21e|2 = 12 dB TYP., NF = 1.0 dB TYP @ f = 1 GHz
   
APPLICATIONS
• Designed for VHF~UHF wideband low noise amplifier applications.
   




Similar Part No. - 2SC5227

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5227 SANYO-2SC5227 Datasheet
122Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5227A SANYO-2SC5227A Datasheet
69Kb / 6P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5227A SANYO-2SC5227A Datasheet
454Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
logo
ON Semiconductor
2SC5227A ONSEMI-2SC5227A Datasheet
346Kb / 8P
RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
2SC5227A ONSEMI-2SC5227A Datasheet
346Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single CP
August, 2013
More results


Similar Description - 2SC5227

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC5772 ISC-2SC5772 Datasheet
257Kb / 10P
High Gain Bandwidth Product
2SC3862 ISC-2SC3862 Datasheet
218Kb / 4P
High Gain Bandwidth Product
2SC4197 ISC-2SC4197 Datasheet
214Kb / 6P
High Gain Bandwidth Product
2SC4196 ISC-2SC4196 Datasheet
204Kb / 6P
High Gain Bandwidth Product
2SC4807 ISC-2SC4807 Datasheet
212Kb / 5P
High Gain-Bandwidth Product
2SC4901 ISC-2SC4901 Datasheet
180Kb / 5P
High Gain Bandwidth Product
2SC4988 ISC-2SC4988 Datasheet
216Kb / 5P
High Gain Bandwidth Product
2SC5084 ISC-2SC5084 Datasheet
267Kb / 5P
High Gain Bandwidth Product
2SC5089 ISC-2SC5089 Datasheet
319Kb / 7P
High Gain Bandwidth Product
2SC5090 ISC-2SC5090 Datasheet
322Kb / 7P
High Gain Bandwidth Product
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com