Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5227 Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # 2SC5227
Description  High Gain Bandwidth Product
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5227 Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  2SC5227 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5227 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5227 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5227 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5227 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
INCHANGE Semiconductor
isc RF Product Specification
3
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC5227
TYPCIAL CHARACTERISTICS (Ta=25℃)
DC Current Gain vs.
Collector Current
0
50
100
150
200
0.1
1
10
100
Collectot current IC(mA)
Total Power Dissipation
vs. Ambient Temperature
0
50
100
150
200
250
25
50
75
100
125
150
Ambient TemeperatureTA( ℃
)
Gain Bandwidth Product
Vs.Colllector Current
1
10
1
10
100
Collector Current Ic(mA)
Insertion Power Gain Vs.
Collector Current
0
5
10
15
1
10
100
Collector Current Ic(mA)
Noise
Figure
vs.Collector
C
0
1
2
3
4
5
1
10
100
Collector Current Ic(mA)
Insertion Power Gain and Maximum
Unilateral Power Gain vs. Frequency
5
10
15
20
25
30
0.1
1
10
Frequency(GHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com