Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1889 Datasheet (PDF) - Maxim Integrated Products

MAX1889 Datasheet PDF - Maxim Integrated Products
Part # MAX1889
Download  MAX1889 Download
File Size   796.08 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Triple-Output TFT LCD Power Supply with Fault Protection

MAX1889 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1889 Datasheet PDF - Maxim Integrated Products

Part # MAX1889
Download  MAX1889 Click to download

File Size   796.08 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Triple-Output TFT LCD Power Supply with Fault Protection

MAX1889 Datasheet (HTML) - Maxim Integrated Products


MAX1889 Product details

General Description
The MAX1889 provides the three regulated output voltages required for active matrix, thin-film transistor liquid crystal displays (TFT LCDs). It combines a high-performance step-up regulator with two linear-regulator controllers and multiple levels of protection circuitry for a complete power-supply system

Features
♦ High-Performance Step-Up Regulator
   Fast Transient Response
   Current-Mode Control Architecture
   Built-In High-Efficiency N-Channel Power MOSFET
   Current-Limit Comparator
   >85% Efficiency
   Selectable Switching Frequency
   (500kHz/1MHz)
Internal Soft-Start
♦ Positive Linear-Regulator Controller
♦ Negative Linear-Regulator Controller
♦ Triple-Level Protection Against Smoke or Fire
      Input Switch Replaces Input Fuse
      Output Overload Detection with Timer Latch
      Thermal Shutdown
♦ 2.7V to 5.5V Input Operating Range
♦ Ultra-Small External Components
♦ 1µA Shutdown Current (max)
♦ 1mA Quiescent Current (max)
♦ Ultra-Thin 16-Pin QFN Package (0.8mm Maximum Thickness)




Similar Part No. - MAX1889

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1889 MAXIM-MAX1889 Datasheet
216Kb / 8P
fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 2; 9/02
MAX1889EVKIT MAXIM-MAX1889EVKIT Datasheet
216Kb / 8P
fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 2; 9/02
More results


Similar Description - MAX1889

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3450 LINER-LTC3450 Datasheet
401Kb / 12P
Triple Output Power Supply for Small TFT-LCD Displays
logo
Maxim Integrated Produc...
MAX1997 MAXIM-MAX1997 Datasheet
766Kb / 31P
Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
Rev 0; 10/02
logo
Advanced Analogic Techn...
AAT1101 ANALOGICTECH-AAT1101 Datasheet
711Kb / 23P
TRIPLE OUTPUT TFT LCD PWM CONTROLLER
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
Triple-Output LCD Power Supply
logo
Intersil Corporation
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
TFT-LCD Power Supply
March 9, 2006
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
TFT-LCD Power Supply
January 17, 2006
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
Triple Output Power Supply for TFT-LCD
logo
Linear Technology
LTC3450 LINER-LTC3450_15 Datasheet
196Kb / 12P
Triple Output Power Supply for Small TFT-LCD Displays
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
TFT-LCD Power Supply
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com