Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1896 Datasheet (PDF) - Maxim Integrated Products

MAX1896 Datasheet PDF - Maxim Integrated Products
Part # MAX1896
Download  MAX1896 Download
File Size   755.07 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter

MAX1896 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1896 Datasheet PDF - Maxim Integrated Products

Part # MAX1896
Download  MAX1896 Click to download

File Size   755.07 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter

MAX1896 Datasheet (HTML) - Maxim Integrated Products


MAX1896 Product details

General Description
The MAX1896 step-up DC-DC converter incorporates high-performance current-mode, fixed-frequency, pulse-width modulation (PWM) circuitry and an internal 0.7Ω N-channel MOSFET to provide a highly efficient regulator with fast response.

Features
♦ >90% Efficiency
♦ Adjustable Output Up to 13V
♦ Guaranteed 12V/120mA Output from 5V Input
♦ 2.6V to 5.5V Input Range
♦ LT1613 Pin Compatible
♦ 0.01µA Shutdown Current
♦ Programmable Soft-Start
♦ Space-Saving 6-Pin SOT23 Package

Applications
    Notebook Computers
    LCD Displays
    PCMCIA Cards
    Portable Applications
    Hand-Held Devices




Similar Part No. - MAX1896

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX189 MAXIM-MAX189 Datasheet
177Kb / 20P
5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX189 MAXIM-MAX189 Datasheet
210Kb / 12P
Linear Charger for Single-Cell Li Battery
Rev 0; 1/02
MAX1894 MAXIM-MAX1894 Datasheet
308Kb / 16P
Advanced Li Battery-Pack Protectors
Rev 0; 4/02
MAX1894-MAX1924 MAXIM-MAX1894-MAX1924 Datasheet
308Kb / 16P
Advanced Li Battery-Pack Protectors
Rev 0; 4/02
MAX1894XEEE MAXIM-MAX1894XEEE Datasheet
308Kb / 16P
Advanced Li Battery-Pack Protectors
Rev 0; 4/02
More results


Similar Description - MAX1896

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1618 LINER-LT1618 Datasheet
202Kb / 12P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618 LINER-LT1618_1 Datasheet
210Kb / 16P
Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1899 AIC-AIC1899 Datasheet
232Kb / 10P
1.0MHz Current-Mode Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6896 SSC-SS6896 Datasheet
481Kb / 12P
1.4MHz Current-Mode Step-Up DC/DC Converter
logo
Linear Technology
LT1618EDDPBF LINER-LT1618EDDPBF Datasheet
215Kb / 16P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EMSPBF LINER-LT1618EMSPBF Datasheet
215Kb / 16P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618 LINER-LT1618_15 Datasheet
215Kb / 16P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2561 KEXIN-RCR2561 Datasheet
227Kb / 3P
1.0MHz Current-Mode Step-Up DC/DC Converter
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
current mode step-up DC-DC converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com