Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT4503M Datasheet (PDF) - CT Micro International Corporation

CT4503M Datasheet PDF - CT Micro International Corporation
Part # CT4503M
Download  CT4503M Download
File Size   1052.28 Kbytes
Page   16 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description 1Mbit/s High Speed Phototransistor Optocoupler

CT4503M Datasheet (PDF)

Go To PDF Page Download Datasheet
CT4503M Datasheet PDF - CT Micro International Corporation

Part # CT4503M
Download  CT4503M Click to download

File Size   1052.28 Kbytes
Page   16 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description 1Mbit/s High Speed Phototransistor Optocoupler

CT4503M Datasheet (HTML) - CT Micro International Corporation


CT4503M Product details

Description
The 6N135, 6N136, CT4502 and CT4503 devices each consist of an infrared emitting diode, optically coupled to a high speed photo detector transistor. A separate connection for the photodiode bias and output-transistor collector increase the speed by several orders of magnitude over conventional phototransistor couplers by reducing the base-collector capacitance of the input transistor.

Features
• High speed 1MBit/s
• High isolation voltage between input and output
   (Viso=5000 Vrms )
• Guaranteed CTR performance from 0°C to 70°C
• Wide operating temperature range of -55°C to
   100°C
• Regulatory Approvals
   ■ UL - UL1577 (E364000)
   ■ VDE - EN60747-5-5(VDE0884-5)
   ■ CQC – GB4943.1, GB8898
   ■ IEC60065, IEC60950

Applications
• Line receivers
• Telecommunication equipment
• High speed logic ground isolation
• Feedback loop in switch-mode power supplies
• Home appliances




Similar Part No. - CT4503M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
CT450 ALLEGRO-CT450 Datasheet
2Mb / 29P
XtremeSense™ TMR Contactless Current Sensor with 1 MHz Bandwidth and Programmable Gain
March 6, 2024
CT450-H00DRSN08 ALLEGRO-CT450-H00DRSN08 Datasheet
2Mb / 29P
XtremeSense™ TMR Contactless Current Sensor with 1 MHz Bandwidth and Programmable Gain
March 6, 2024
CT450-H00DRTS08 ALLEGRO-CT450-H00DRTS08 Datasheet
2Mb / 29P
XtremeSense™ TMR Contactless Current Sensor with 1 MHz Bandwidth and Programmable Gain
March 6, 2024
CT450-H00MRSN08 ALLEGRO-CT450-H00MRSN08 Datasheet
2Mb / 29P
XtremeSense™ TMR Contactless Current Sensor with 1 MHz Bandwidth and Programmable Gain
March 6, 2024
CT450-H00MRTS08 ALLEGRO-CT450-H00MRTS08 Datasheet
2Mb / 29P
XtremeSense™ TMR Contactless Current Sensor with 1 MHz Bandwidth and Programmable Gain
March 6, 2024
More results


Similar Description - CT4503M

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
6N135 EVERLIGHT-6N135 Datasheet
981Kb / 14P
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
EL045X EVERLIGHT-EL045X Datasheet
390Kb / 14P
8 PIN SOP HIGH SPEED 1Mbit/s
EL450X EVERLIGHT-EL450X Datasheet
981Kb / 14P
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
ELM45X EVERLIGHT-ELM45X Datasheet
566Kb / 12P
5 PIN SOP HIGH SPEED 1Mbit/s
logo
ISOCOM COMPONENTS
ICPL4502 ISOCOM-ICPL4502_09 Datasheet
441Kb / 13P
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
Everlight Electronics C...
6N136M-V EVERLIGHT-6N136M-V Datasheet
1Mb / 13P
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
May 13, 2013
logo
ISOCOM COMPONENTS
ICPLW135 ISOCOM-ICPLW135 Datasheet
679Kb / 14P
High Speed 1Mbit/s
logo
CT Micro International ...
CT4504 CTMICRO-CT4504 Datasheet
1Mb / 14P
High CMR, 1Mbit/s High Speed Optocoupler
logo
Everlight Electronics C...
EL4504 EVERLIGHT-EL4504 Datasheet
1Mb / 14P
HIGH CMR HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
May 13, 2013
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
Single Channel,High Speed 1MBit/s Transistor Optocouplers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com