Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS24 Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SMS24 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SMS24
Download  SMS24 Download
File Size   160.66 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description USB 2.0 power and data line

SMS24 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMS24 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMS24
Download  SMS24 Click to download

File Size   160.66 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description USB 2.0 power and data line

SMS24 Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SMS24 Product details

Features
● Ultra low leakage: nA level
● Operating voltage: 24V
● Low clamping voltage
● Complies with following standards:
   – IEC 61000-4-2 (ESD) immunity test
        Air discharge: ±15kV
        Contact discharge: ±8kV
   – IEC61000-4-4 (EFT) 40A (5/50ns)
   – IEC61000-4-5 (Lightning) 12A (8/20μs)
● RoHS Compliant

Applications
● USB 2.0 power and data line
● Set-top box and digital TV
● Digital video interface (DVI)
● Notebook Computers
● SIM Ports
● 10/100 Ethernet




Similar Part No. - SMS24

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMS24 SEMTECH-SMS24 Datasheet
161Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
logo
Microsemi Corporation
SMS24 MICROSEMI-SMS24 Datasheet
227Kb / 2P
4 LINE UNIDIRECTIONAL TVSarray
logo
Semtech Corporation
SMS24 SEMTECH-SMS24 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
logo
Summit Microelectronics...
SMS24 SUMMIT-SMS24 Datasheet
449Kb / 18P
Highly Programmble Voltage Supervisory Circuit
logo
Protek Devices
SMS24 PROTEC-SMS24 Datasheet
707Kb / 8P
MULTI-LINE TVS ARRAY
More results


Similar Description - SMS24

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESD9D5V LEIDITECH-ESD9D5V Datasheet
121Kb / 3P
USB 2.0 power and data line
ESDA3.3CW-4 LEIDITECH-ESDA3.3CW-4 Datasheet
125Kb / 3P
USB 2.0 power and data line
LC03CI LEIDITECH-LC03CI Datasheet
259Kb / 3P
USB 2.0 power and data line
LC0504F LEIDITECH-LC0504F Datasheet
129Kb / 3P
USB 2.0 power and data line
LC0511CCW LEIDITECH-LC0511CCW Datasheet
405Kb / 4P
USB 2.0 power and data line
SD05 LEIDITECH-SD05 Datasheet
140Kb / 3P
USB 2.0 power and data line
SD24C LEIDITECH-SD24C Datasheet
131Kb / 3P
USB 2.0 power and data line
SM08 LEIDITECH-SM08 Datasheet
133Kb / 3P
USB 2.0 power and data line
SMC36 LEIDITECH-SMC36 Datasheet
129Kb / 3P
USB 2.0 power and data line
SMD05A LEIDITECH-SMD05A Datasheet
253Kb / 3P
USB 2.0 power and data line
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com