Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK803 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SK803 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SK803
Download  2SK803 Download
File Size   66.67 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Drain Current ?밒D=8A@ TC=25C

2SK803 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK803 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SK803
Download  2SK803 Click to download

File Size   66.67 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Drain Current ?밒D=8A@ TC=25C

2SK803 Datasheet (HTML) - Inchange Semiconductor Company Limited




Similar Part No. - 2SK803

ManufacturerPart #DatasheetDescription
logo
NEC
2SK800 NEC-2SK800 Datasheet
150Kb / 3P
N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
2SK801 NEC-2SK801 Datasheet
154Kb / 4P
MOS FIELD EFFECT TRANSISTOR
logo
AiT Semiconductor Inc.
2SK801 AITSEMI-2SK801 Datasheet
610Kb / 6P
MOSFET SMALL SIGNAL N-CHANNEL 60V, 310mA
REV1.0
logo
NEC
2SK802 NEC-2SK802 Datasheet
162Kb / 4P
FAST SWITCHING N-CHANNEL SILICON POWER MOS FET
logo
Inchange Semiconductor ...
2SK804 ISC-2SK804 Datasheet
64Kb / 2P
Fast Switching Speed
More results


Similar Description - 2SK803

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
8N80 ISC-8N80 Datasheet
154Kb / 2P
Drain Current ?밒D= 8A@ TC=25C
2SK756 ISC-2SK756 Datasheet
67Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1039 ISC-2SK1039 Datasheet
67Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK934 ISC-2SK934 Datasheet
67Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1319 ISC-2SK1319 Datasheet
65Kb / 2P
Drain Current ?밒D= 8A@ TC=25C
2SK1320 ISC-2SK1320 Datasheet
65Kb / 2P
Drain Current ?밒D= 8A@ TC=25C
2SK1330 ISC-2SK1330 Datasheet
64Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1451 ISC-2SK1451 Datasheet
69Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1465 ISC-2SK1465 Datasheet
66Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1569 ISC-2SK1569 Datasheet
66Kb / 2P
Drain Current ?밒D=8A@ TC=25C
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com