Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4762A Datasheet (PDF) - Comchip Technology

1N4762A Datasheet PDF - Comchip Technology
Part # 1N4762A
Download  1N4762A Download
File Size   123.47 Kbytes
Page   3 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description 1.0W Zener Diode

1N4762A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4762A Datasheet PDF - Comchip Technology

Part # 1N4762A
Download  1N4762A Click to download

File Size   123.47 Kbytes
Page   3 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description 1.0W Zener Diode

1N4762A Datasheet (HTML) - Comchip Technology


1N4762A Product details

Nominal Zener Voltage: 3.3 to 100V
Power Dissipation: 1.0W

Features
- 1.0 Watt Power Dissipation
- 3.3V - 100V Nominal Zener Voltage
- Standard VZ Tolerance is 5%




Similar Part No. - 1N4762A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N4762A TRSYS-1N4762A Datasheet
348Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Diodes Incorporated
1N4762A DIODES-1N4762A Datasheet
64Kb / 3P
SILICON SWITCHING DIODE
DS18007 Rev. 13 - 2
logo
Microsemi Corporation
1N4762A MICROSEMI-1N4762A Datasheet
65Kb / 2P
SILICON 1 WATT ZENER DIODES
logo
Fairchild Semiconductor
1N4762A FAIRCHILD-1N4762A Datasheet
50Kb / 5P
Zeners
logo
List of Unclassifed Man...
1N4762A ETC1-1N4762A Datasheet
56Kb / 2P
ZENER DIODES
More results


Similar Description - 1N4762A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_1 Datasheet
451Kb / 4P
1.0W ZENER DIODE
DS18007 Rev. 16 - 2
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
logo
Won-Top Electronics
1N4728A WTE-1N4728A Datasheet
44Kb / 4P
1.0W ZENER DIODE
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_08 Datasheet
124Kb / 3P
1.0W ZENER DIODE
Rev 13.2.2003
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
Rev 16
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
Rev 16
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
Rev 16
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
logo
Zibo Seno Electronic En...
1N4764A ZSELEC-1N4764A Datasheet
109Kb / 2P
1.0W ZENER DIODE
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com