Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4762A Datasheet (PDF) - Transys Electronics

1N4762A Datasheet PDF - Transys Electronics
Part # 1N4762A
Download  1N4762A Download
File Size   348.88 Kbytes
Page   5 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description GLASS PASSIVATED JUNCTION SILICON ZENER DIODE

1N4762A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4762A Datasheet PDF - Transys Electronics

Part # 1N4762A
Download  1N4762A Click to download

File Size   348.88 Kbytes
Page   5 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description GLASS PASSIVATED JUNCTION SILICON ZENER DIODE

1N4762A Datasheet (HTML) - Transys Electronics


1N4762A Product details

VOLTAGE - 11 TO 200 Volts Power - 1.0 Watt

FEATURES
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Low inductance
• Typical IR less than 5.0 A above 11V
• High temperature soldering : 260°C /10 seconds at terminals
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O




Similar Part No. - 1N4762A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4762A DIODES-1N4762A Datasheet
64Kb / 3P
SILICON SWITCHING DIODE
DS18007 Rev. 13 - 2
logo
Microsemi Corporation
1N4762A MICROSEMI-1N4762A Datasheet
65Kb / 2P
SILICON 1 WATT ZENER DIODES
logo
Comchip Technology
1N4762A COMCHIP-1N4762A Datasheet
123Kb / 3P
1.0W Zener Diode
logo
Fairchild Semiconductor
1N4762A FAIRCHILD-1N4762A Datasheet
50Kb / 5P
Zeners
logo
List of Unclassifed Man...
1N4762A ETC1-1N4762A Datasheet
56Kb / 2P
ZENER DIODES
More results


Similar Description - 1N4762A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
2EZ11 TRSYS-2EZ11 Datasheet
339Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
3EZ11 TRSYS-3EZ11 Datasheet
282Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
Glass Passivated Junction Silicon Zener Diode
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com