| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCV47710
|
153Kb / 11P |
5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
April, 2012 ??Rev. 0 |
|
NCV47711
|
157Kb / 11P |
5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
April, 2012 ??Rev. 0 |
|
NCV47411
|
128Kb / 14P |
3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1 |
|
NCV47551
|
168Kb / 12P |
3.3 V to 20 V Adjustable Low Noise LDO Regulator with Adjustable Current Limit and 3.3 V Logic
December, 2013 ??Rev. 0 |
|
NCV47700
|
174Kb / 12P |
5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2 |
|
NCV47711
|
128Kb / 12P |
Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2 |
|
NCV47721
|
152Kb / 16P |
Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1 |
|
NCV47821
|
181Kb / 15P |
Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2 |
|
NCV47822
|
155Kb / 14P |
Dual High Side Switch with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 0 |
|
NCV47722
|
256Kb / 12P |
High Side Switch with Adjustable Current Limit and Diagnostic Features
July, 2020 ??Rev. 1 |