Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV47821 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV47821
Description  3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47821 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV47821 Datasheet HTML 2Page - ON Semiconductor NCV47821 Datasheet HTML 3Page - ON Semiconductor NCV47821 Datasheet HTML 4Page - ON Semiconductor NCV47821 Datasheet HTML 5Page - ON Semiconductor NCV47821 Datasheet HTML 6Page - ON Semiconductor NCV47821 Datasheet HTML 7Page - ON Semiconductor NCV47821 Datasheet HTML 8Page - ON Semiconductor NCV47821 Datasheet HTML 9Page - ON Semiconductor NCV47821 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
NCV47821
www.onsemi.com
6
Table 6. ELECTRICAL CHARACTERISTICS Vin = 13.5 V, VEN1,2 = 3.3 V, VDE = 0 V, RCSO1,2 = 0 W, CCSO1,2 = 1 mF, Cin = 1 mF,
Cout1,2 = 10 mF, Min and Max values are valid for temperature range −40°C v TJ v +150°C unless noted otherwise and are guaranteed
by test, design or statistical correlation. Typical values are referenced to TJ = 25°C (Note 8)
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
DIAGNOSTICS
Overcurrent Voltage Level Threshold
Vout_nom1,2 = 5 V, RCSO1,2 = 1 kW
VOC1,2
92
95
98
% of
VCSO_
Ilim1,2
Short To Battery (STB) Voltage
Threshold in OFF state
Vin = 4.4 V to 18 V, Iout1 = Iout2 = 0 mA,
VDE = 3.3 V
VSTB1,2
2
3
4
V
Open Load (OL) Current Threshold
in OFF state
Vin = 4.4 V to 18 V, VDE = 3.3 V
IOL1,2
5.0
10
25
mA
Diagnostics Enable Threshold Voltage
Logic Low
Logic High
Vth(DE)
0.99
1.8
1.9
2.31
V
Channel Select Threshold Voltage
Logic Low
Logic High
Vth(CS)
0.99
1.8
1.9
2.31
V
Error Flag Low Voltage
IEF = −1 mA
VEF_Low
0.04
0.4
V
THERMAL SHUTDOWN
Thermal Shutdown Temperature
(Note 11)
Iout1 = Iout2 = 5 mA, Vout_nom1,2 = 5 V,
each channel measured separately
TSD1,2
150
175
195
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
8. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TA [ TJ. Low duty
cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
9. Minimum input voltage Vin_min is 4.4 V or (Vout_nom1,2 + 1 V) whichever is higher. Vout_nom1,2 measured at ADJ1,2 pin due to excluding
Rn1 and Rn2 accuracy.
10. Measured when the output voltage Vout1,2 has dropped by 2% of Vout_nom1,2 from the nominal valued obtained at Vin = Vout1,2 + 8.5 V.
11. Values based on design and/or characterization.
12. Not guaranteed in dropout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com