Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9725 Datasheet (PDF) - Analog Devices

AD9725 Datasheet PDF - Analog Devices
Part # AD9725
Download  AD9725 Download
File Size   267.83 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 600 MSPS D/A Converter

AD9725 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9725 Datasheet PDF - Analog Devices

Part # AD9725
Download  AD9725 Click to download

File Size   267.83 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 600 MSPS D/A Converter

AD9725 Datasheet (HTML) - Analog Devices


AD9725 Product details

PRODUCT DESCRIPTION
The AD9725 is a 14-bit digital-to-analog converter (DAC) that utilizes an LVDS interface to achieve conversion rates in excess of 600 MSPS. It is in a family of pin compatible converters that offers selection of 10-bit, 12-bit, 14-bit, and 16-bit resolution grades. All of the devices share the same interface options, small outline package, and pinout, providing an upward or downward component selection path based on performance, resolution and cost.

FEATURES
   600+ MSPS DAC update rate
   16/14/12/10-bit resolution family
   LVDS interface with built-in 100-termination resistors
   Single data rate and double data rate capability
   Excellent dynamic performance
   SFDR = 63 dBc at 140 MHz
   IMD = 73 dBc at 140 MHz
   Differential current outputs: 2 mA to 20 mA
   –40°C to +85°C temperature range operation
   On-chip 1.20 V reference
   Package: 80-lead thermally-enhanced TQFP
   Versatile clock and data interface

APPLICATIONS
   Instrumentation and test
   Wideband communications systems
   Point-to-point wireless
   LMDS
   PA linearization
   High resolution displays




Similar Part No. - AD9725

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9725 AD-AD9725_15 Datasheet
273Kb / 16P
14-Bit, 600 MSPS D/A Converter
Rev. PrA
More results


Similar Description - AD9725

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5905 INTERSIL-HI5905 Datasheet
108Kb / 11P
14-Bit, 5 MSPS A/D Converter
1999 01
logo
Analog Devices
AD9726 AD-AD9726 Datasheet
613Kb / 24P
16-Bit, 600 MSPS D/A Converter
11/05-Rev. 0 to Rev. A
AD9444 AD-AD9444 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
10/04-Revision 0
AD6645 AD-AD6645 Datasheet
2Mb / 20P
14-Bit, 80 MSPS A/D Converter
REV.0
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9725 AD-AD9725_15 Datasheet
273Kb / 16P
14-Bit, 600 MSPS D/A Converter
Rev. PrA
AD9444 AD-AD9444_17 Datasheet
999Kb / 41P
14-Bit, 80 MSPS, A/D Converter
Rev. 0
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
14-Bit, 40 MSPS/65 MSPS A/D Converter
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com