Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9726 Datasheet (PDF) - Analog Devices

AD9726 Datasheet PDF - Analog Devices
Part # AD9726
Download  AD9726 Download
File Size   613.27 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 600 MSPS D/A Converter

AD9726 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9726 Datasheet PDF - Analog Devices

Part # AD9726
Download  AD9726 Click to download

File Size   613.27 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 600 MSPS D/A Converter

AD9726 Datasheet (HTML) - Analog Devices


AD9726 Product details

GENERAL DESCRIPTION
The AD9726 is a 16-bit digital-to-analog converter (DAC) that offers leading edge performance at conversion rates of up to 400 MSPS. The device uses low voltage differential signaling (LVDS) inputs and includes internal 100 Ω terminations. The analog output can be single-ended or differential current. An internal precision reference is included.

FEATURES
   Dynamic performance
      SFDR ≥ 78 dBc at fOUT = 20 MHz
      IMD ≥ 82 dBc at fOUT = 70 MHz
      ACLR ≥ 76 dBc at fOUT = 70 MHz
      NSD ≤ −160 dB/Hz at fOUT = 70 MHz
   Precision calibrated linearity
      DNL ≤ ±0.5 LSB at +25°C
      INL ≤ ±1.0 LSB at +25°C
      THD ≤ −95 dB at fOUT = 1 MHz
   LVDS inputs with internal 100 Ω terminations
   Automatic data/clock timing synchronization
   Single data rate or double data rate capable
   Differential current outputs
   Internal precision reference
   Operates on 2.5 V and 3.3 V supplies
   Extended industrial temperature range
   Thermally enhanced, 80-lead, RoHS-compliant
      TQFP_EP package

APPLICATIONS
   Instrumentation
   Test equipment
   Waveform synthesis
   Communications systems




Similar Part No. - AD9726

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9726-EBZ AD-AD9726-EBZ Datasheet
411Kb / 24P
16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
AD9726BSVZRL AD-AD9726BSVZRL Datasheet
411Kb / 24P
16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
AD9726 AD-AD9726_15 Datasheet
411Kb / 24P
16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
More results


Similar Description - AD9726

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD768 AD-AD768 Datasheet
334Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV.B
AD9725 AD-AD9725 Datasheet
267Kb / 16P
14-Bit, 600 MSPS D/A Converter
AD10678 AD-AD10678 Datasheet
673Kb / 10P
16-Bit, 80 MSPS A/D Converter
12/03-Data sheet changed from REV. 0 to REV.A
AD10677 AD-AD10677 Datasheet
643Kb / 10P
16-Bit, 65 MSPS A/D Converter
12/03-Data sheet changed from REV. A to REV.B
logo
Cadeka Microcircuits LL...
SPT8100 CADEKA-SPT8100 Datasheet
180Kb / 10P
16-BIT, 5 MSPS CMOS A/D CONVERTER
logo
Analog Devices
AD768ARZ AD-AD768ARZ Datasheet
252Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV. B
AD768 AD-AD768_15 Datasheet
337Kb / 20P
16-Bit, 30 MSPS D/A Converter
REV. B
AD10677 AD-AD10677_15 Datasheet
625Kb / 20P
16-Bit, 65 MSPS A/D Converter
Rev. D
AD9725 AD-AD9725_15 Datasheet
273Kb / 16P
14-Bit, 600 MSPS D/A Converter
Rev. PrA
AD10678 AD-AD10678_15 Datasheet
677Kb / 20P
16-Bit, 80 MSPS A/D Converter
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com