Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25V01A Datasheet (PDF) - Cypress Semiconductor

FM25V01A Datasheet PDF - Cypress Semiconductor
Part # FM25V01A
Download  FM25V01A Download
File Size   777.8 Kbytes
Page   22 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128-Kbit (16K 횞 8) Serial (SPI) F-RAM

FM25V01A Datasheet (PDF)

Go To PDF Page Download Datasheet
FM25V01A Datasheet PDF - Cypress Semiconductor

Part # FM25V01A
Download  FM25V01A Click to download

File Size   777.8 Kbytes
Page   22 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128-Kbit (16K 횞 8) Serial (SPI) F-RAM

FM25V01A Datasheet (HTML) - Cypress Semiconductor


FM25V01A Product details

Functional Description
The FM25V01A is a 128-Kbit nonvolatile memory employing an advanced ferroelectric process. An F-RAM is nonvolatile and performs reads and writes similar to a RAM. It provides reliable data retention for 151 years while eliminating the complexities, overhead, and system-level reliability problems caused by serial flash, EEPROM, and other nonvolatile memories.

Features
■ 128-Kbit ferroelectric random access memory (F-RAM) logically organized as 16K × 8
    ❐ High-endurance 100 trillion (1014) read/writes
    ❐ 151-year data retention (See the Data Retention and Endurance table)
    ❐ NoDelay™ writes
    ❐ Advanced high-reliability ferroelectric process
■ Very fast serial peripheral interface (SPI)
    ❐ Up to 40-MHz frequency
    ❐ Direct hardware replacement for serial flash and EEPROM
    ❐ Supports SPI mode 0 (0, 0) and mode 3 (1, 1)
■ Sophisticated write-protection scheme
    ❐ Hardware protection using the Write Protect (WP) pin
    ❐ Software protection using Write Disable instruction
    ❐ Software block protection for 1/4, 1/2, or entire array
■ Device ID
    ❐ Manufacturer ID and Product ID
■ Low power consumption
    ❐ 2.5-mA active current at 40 MHz
    ❐ 150-A standby current
    ❐ 8-A sleep mode current
■ Low-voltage operation: VDD = 2.0 V to 3.6 V
■ Industrial temperature: –40 C to +85 C
■ 8-pin small outline integrated circuit (SOIC) package
■ Restriction of hazardous substances (RoHS) compliant




Similar Part No. - FM25V01A

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V01 RAMTRON-FM25V01 Datasheet
407Kb / 15P
128Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V01 CYPRESS-FM25V01 Datasheet
508Kb / 15P
128Kb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
128Kb Serial 3V F-RAM Memory
FM25V01-G CYPRESS-FM25V01-G Datasheet
508Kb / 15P
128Kb Serial 3V F-RAM Memory
FM25V01-G CYPRESS-FM25V01-G Datasheet
471Kb / 18P
128Kb Serial 3V F-RAM Memory
More results


Similar Description - FM25V01A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY15B128J CYPRESS-CY15B128J Datasheet
1Mb / 19P
128-Kbit (16K 횞 8) Automotive Serial (I2C) F-RAM
CY15B256Q CYPRESS-CY15B256Q Datasheet
778Kb / 22P
256-Kbit (32K 횞 8) Automotive Serial (SPI) F-RAM
FM24V01A CYPRESS-FM24V01A Datasheet
1Mb / 19P
128-Kbit (16K 횞 8) Serial (I2C) F-RAM
FM25V02A CYPRESS-FM25V02A Datasheet
819Kb / 23P
256-Kbit (32K 횞 8) Serial (SPI) F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B064Q CYPRESS-CY15B064Q Datasheet
610Kb / 20P
64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
CY15E064Q CYPRESS-CY15E064Q Datasheet
610Kb / 20P
64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com