Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25V01 Datasheet (PDF) - Cypress Semiconductor

FM25V01 Datasheet PDF - Cypress Semiconductor
Part # FM25V01
Download  FM25V01 Download
File Size   508.13 Kbytes
Page   15 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128Kb Serial 3V F-RAM Memory

FM25V01 Datasheet (PDF)

Go To PDF Page Download Datasheet
FM25V01 Datasheet PDF - Cypress Semiconductor

Part # FM25V01
Download  FM25V01 Click to download

File Size   508.13 Kbytes
Page   15 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128Kb Serial 3V F-RAM Memory

FM25V01 Datasheet (HTML) - Cypress Semiconductor


FM25V01 Product details

Description
The FM25V01 is a 128-kilobit nonvolatile memory employing an advanced ferroelectric process. A ferroelectric random access memory or F-RAM is nonvolatile and performs reads and writes like a RAM. It provides reliable data retention for 10 years while eliminating the complexities, overhead, and system level reliability problems caused by Serial Flash and other nonvolatile memories.

Features
128K bit Ferroelectric Nonvolatile RAM
• Organized as 16,384 x 8 bits
• High Endurance 100 Trillion (1014) Read/Writes
• 10 Year Data Retention
• NoDelay™ Writes
• Advanced High-Reliability Ferroelectric Process

Very Fast Serial Peripheral Interface - SPI
• Up to 40 MHz Frequency
• Direct Hardware Replacement for Serial Flash
• SPI Mode 0 & 3 (CPOL, CPHA=0,0 & 1,1)

Write Protection Scheme
• Hardware Protection
• Software Protection

Device ID
• Device ID reads out Manufacturer ID & Part ID

Low Voltage, Low Power
• Low Voltage Operation 2.0V – 3.6V
• Active Current 120 μA (typ. @ 1MHz)
• Standby Current 90 μA (typ.)
• Sleep Mode Current 5 μA (typ.)

Industry Standard Configurations
• Industrial Temperature -40 °C to +85 °C
• 8-pin “Green”/RoHS SOIC Package




Similar Part No. - FM25V01

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V01 RAMTRON-FM25V01 Datasheet
407Kb / 15P
128Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
128Kb Serial 3V F-RAM Memory
FM25V01-G CYPRESS-FM25V01-G Datasheet
471Kb / 18P
128Kb Serial 3V F-RAM Memory
FM25V01-GTR CYPRESS-FM25V01-GTR Datasheet
471Kb / 18P
128Kb Serial 3V F-RAM Memory
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
128-Kbit (16K 횞 8) Serial (SPI) F-RAM
More results


Similar Description - FM25V01

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24V01 RAMTRON-FM24V01 Datasheet
317Kb / 14P
128Kb Serial 3V F-RAM Memory
FM25V01 RAMTRON-FM25V01 Datasheet
407Kb / 15P
128Kb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
128Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
16Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01_13 Datasheet
389Kb / 15P
128Kb Serial 3V F-RAM Memory
FM25H20 CYPRESS-FM25H20 Datasheet
438Kb / 16P
2Mb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
128Kb Serial 3V F-RAM Memory
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com