Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C187 Datasheet (PDF) - Cypress Semiconductor

CY7C187 Datasheet PDF - Cypress Semiconductor
Part # CY7C187
Download  CY7C187 Download
File Size   142.36 Kbytes
Page   9 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64K x 1 Static RAM

CY7C187 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C187 Datasheet PDF - Cypress Semiconductor

Part # CY7C187
Download  CY7C187 Click to download

File Size   142.36 Kbytes
Page   9 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64K x 1 Static RAM

CY7C187 Datasheet (HTML) - Cypress Semiconductor


CY7C187 Product details

Functional Description
The CY7C187 is a high-performance CMOS static RAM organized as 65,536 words x 1 bit. Easy memory expansion is provided by an active LOW Chip Enable (CE) and tri-state drivers. The CY7C187 has an automatic power-down feature, reducing the power consumption by 56% when deselected.

Features
• High speed
    — 15 ns
• CMOS for optimum speed/power
• Low active power
    — 495 mW
• Low standby power
    — 110 mW
• TTL compatible inputs and outputs
• Automatic power-down when deselected
• Available in Pb-free and non Pb-free 22-pin (300-Mil) Molded DIP and 24-pin (300-Mil) Molded SOJ




Similar Part No. - CY7C187

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C187 CYPRESS-CY7C187 Datasheet
261Kb / 9P
64K x 1 Static RAM
CY7C187-15PXC CYPRESS-CY7C187-15PXC Datasheet
261Kb / 9P
64K x 1 Static RAM
CY7C187-25PC CYPRESS-CY7C187-25PC Datasheet
261Kb / 9P
64K x 1 Static RAM
CY7C187-25VC CYPRESS-CY7C187-25VC Datasheet
261Kb / 9P
64K x 1 Static RAM
CY7C187-25VXC CYPRESS-CY7C187-25VXC Datasheet
261Kb / 9P
64K x 1 Static RAM
More results


Similar Description - CY7C187

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
CMOS STATIC RAM 64K (64K x 1-BIT)
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
1-Mbit (64K x 16) Static RAM
CY7C187 CYPRESS-CY7C187_06 Datasheet
261Kb / 9P
64K x 1 Static RAM
CY7C1021B CYPRESS-CY7C1021B_06 Datasheet
322Kb / 10P
1-Mbit (64K x 16) Static RAM
CY7C1021BN CYPRESS-CY7C1021BN Datasheet
474Kb / 10P
1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30_06 Datasheet
365Kb / 12P
1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_05 Datasheet
183Kb / 9P
1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
1-Mbit (64K x 16) Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com