Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7922A Datasheet (PDF) - List of Unclassifed Manufacturers

7922A Datasheet PDF - List of Unclassifed Manufacturers
Part # 7922A
Download  7922A Download
File Size   111.44 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 22 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation

7922A Datasheet (PDF)

Go To PDF Page Download Datasheet
7922A Datasheet PDF - List of Unclassifed Manufacturers

Part # 7922A
Download  7922A Click to download

File Size   111.44 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 22 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation

7922A Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 7922A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7922A BELDEN-7922A Datasheet
279Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #22 Sol BC, PO Ins, PVC Jkt, PLTC CMR
7922A0101000 BELDEN-7922A0101000 Datasheet
279Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #22 Sol BC, PO Ins, PVC Jkt, PLTC CMR
7922A0102000 BELDEN-7922A0102000 Datasheet
279Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #22 Sol BC, PO Ins, PVC Jkt, PLTC CMR
7922A0105000 BELDEN-7922A0105000 Datasheet
279Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #22 Sol BC, PO Ins, PVC Jkt, PLTC CMR
More results


Similar Description - 7922A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344423 ETC2-1344423 Datasheet
110Kb / 4P
24 AWG Bonded-Pairs Solid Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
1344803 ETC2-1344803 Datasheet
109Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1347824 ETC2-1347824 Datasheet
110Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
1348449 ETC2-1348449 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors
1305A ETC2-1305A Datasheet
93Kb / 4P
24 AWG Bonded-Pairs stranded (7x32) bare copper conductors, polyolefin insulation
7989R ETC2-7989R Datasheet
90Kb / 3P
Category 6, 23 AWG bonded pairs solid bare copper conductors, non-plenum, polyolefin insulation
11700A ETC2-11700A Datasheet
35Kb / 5P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
11872A ETC2-11872A Datasheet
36Kb / 4P
4 bonded-pairs UTP, 23 AWG solid bare copper conductors, riser rated, polyolefin insulation
7934A ETC2-7934A Datasheet
110Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7960A ETC2-7960A Datasheet
122Kb / 3P
22 AWG Symmetric quad solid bare copper conductors, polyolefin insulation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com