Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7960A Datasheet (PDF) - List of Unclassifed Manufacturers

7960A Datasheet PDF - List of Unclassifed Manufacturers
Part # 7960A
Download  7960A Download
File Size   122.42 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 22 AWG Symmetric quad solid bare copper conductors, polyolefin insulation

7960A Datasheet (PDF)

Go To PDF Page Download Datasheet
7960A Datasheet PDF - List of Unclassifed Manufacturers

Part # 7960A
Download  7960A Click to download

File Size   122.42 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 22 AWG Symmetric quad solid bare copper conductors, polyolefin insulation

7960A Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 7960A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7960A ETC2-7960A Datasheet
4Mb / 4P
DataTuff Cat 5e PROFINET Cables from Belden
logo
Belden Inc.
7960A BELDEN-7960A Datasheet
250Kb / 3P
DataTuff짰 5e, Quad (2 Pr) #22 Sol BC, PO Ins, OSTC Brd, PVC Jkt, CMG CMX-Outdoor
7960A.00305 BELDEN-7960A.00305 Datasheet
250Kb / 3P
DataTuff짰 5e, Quad (2 Pr) #22 Sol BC, PO Ins, OSTC Brd, PVC Jkt, CMG CMX-Outdoor
7960A.00610 BELDEN-7960A.00610 Datasheet
250Kb / 3P
DataTuff짰 5e, Quad (2 Pr) #22 Sol BC, PO Ins, OSTC Brd, PVC Jkt, CMG CMX-Outdoor
7960A1SW1000 BELDEN-7960A1SW1000 Datasheet
250Kb / 3P
DataTuff짰 5e, Quad (2 Pr) #22 Sol BC, PO Ins, OSTC Brd, PVC Jkt, CMG CMX-Outdoor
More results


Similar Description - 7960A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344423 ETC2-1344423 Datasheet
110Kb / 4P
24 AWG Bonded-Pairs Solid Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
1344803 ETC2-1344803 Datasheet
109Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1345263 ETC2-1345263 Datasheet
106Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1347824 ETC2-1347824 Datasheet
110Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
1348370 ETC2-1348370 Datasheet
107Kb / 4P
24 AWG solid bare copper conductors, non-plenum, Polyolefin insulation
11700A ETC2-11700A Datasheet
35Kb / 5P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7922A ETC2-7922A Datasheet
111Kb / 4P
22 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7934A ETC2-7934A Datasheet
110Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7961A ETC2-7961A Datasheet
122Kb / 3P
22 AWG Symmetric quad stranded tinned copper conductors, polyolefin insulation
7962A ETC2-7962A Datasheet
122Kb / 3P
22 AWG Symmetric quad stranded tinned copper conductors, polyolefin insulation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com