Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7960A Datasheet (PDF) - List of Unclassifed Manufacturers

7960A Datasheet PDF - List of Unclassifed Manufacturers
Part # 7960A
Download  7960A Download
File Size   4625.17 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description DataTuff Cat 5e PROFINET Cables from Belden

7960A Datasheet (PDF)

Go To PDF Page Download Datasheet
7960A Datasheet PDF - List of Unclassifed Manufacturers

Part # 7960A
Download  7960A Click to download

File Size   4625.17 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description DataTuff Cat 5e PROFINET Cables from Belden

7960A Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 7960A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7960A ETC2-7960A Datasheet
122Kb / 3P
22 AWG Symmetric quad solid bare copper conductors, polyolefin insulation
logo
Belden Inc.
7960A BELDEN-7960A Datasheet
250Kb / 3P
DataTuff짰 5e, Quad (2 Pr) #22 Sol BC, PO Ins, OSTC Brd, PVC Jkt, CMG CMX-Outdoor
7960A.00305 BELDEN-7960A.00305 Datasheet
250Kb / 3P
DataTuff짰 5e, Quad (2 Pr) #22 Sol BC, PO Ins, OSTC Brd, PVC Jkt, CMG CMX-Outdoor
7960A.00610 BELDEN-7960A.00610 Datasheet
250Kb / 3P
DataTuff짰 5e, Quad (2 Pr) #22 Sol BC, PO Ins, OSTC Brd, PVC Jkt, CMG CMX-Outdoor
logo
List of Unclassifed Man...
7960A1SW1000 ETC2-7960A1SW1000 Datasheet
122Kb / 3P
22 AWG Symmetric quad solid bare copper conductors, polyolefin insulation
More results


Similar Description - 7960A

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1225024-25 QUALTEK-1225024-25 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
1225025-01 QUALTEK-1225025-01 Datasheet
429Kb / 1P
CAT 5e UTP 8P8C
1225034-07 QUALTEK-1225034-07 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
1225037-10 QUALTEK-1225037-10 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
1225043-20 QUALTEK-1225043-20 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
logo
List of Unclassifed Man...
1319746 ETC2-1319746 Datasheet
282Kb / 3P
Profinet Compliant Cables
logo
Belden Inc.
70006PU BELDEN-70006PU Datasheet
153Kb / 2P
DataTuff® 5E, 1Q #22 Sol BC, PO ins, F/B, PUR jkt, PROFINET Type A
2022 Belden, Inc
70007E BELDEN-70007E Datasheet
152Kb / 2P
DataTuff® 5E, 1Q #22 Str TC, PO ins, F/B, PVC jkt, PROFINET Type B
2022 Belden, Inc
BE43769 BELDEN-BE43769 Datasheet
158Kb / 3P
RailTuff Cat 5e, PROFINET, AWG 22 (19)
2022 Belden, Inc
BE43885 BELDEN-BE43885 Datasheet
153Kb / 2P
DataTuff® 5E, 1Q #22 Str TC, PO ins, LSNH Jkt, PROFINET ECE R118,AWM 21286
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com