Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3612 Datasheet (PDF) - List of Unclassifed Manufacturers

3612 Datasheet PDF - List of Unclassifed Manufacturers
Part # 3612
Download  3612 Download
File Size   110.31 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, Premise Horizontal Cable

3612 Datasheet (PDF)

Go To PDF Page Download Datasheet
3612 Datasheet PDF - List of Unclassifed Manufacturers

Part # 3612
Download  3612 Click to download

File Size   110.31 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, Premise Horizontal Cable

3612 Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 3612

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3612 BOURNS-3612 Datasheet
73Kb / 1P
ADSL Module
logo
Lumberg
3612 LUMBERG-3612 Datasheet
277Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
logo
List of Unclassifed Man...
3612 ETC2-3612 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
Lumberg
3612 LUMBERG-3612 Datasheet
634Kb / 4P
RAST 5 connectors, pitch 5.0 mm
logo
Heyco.
3612 HEYCO-3612 Datasheet
160Kb / 1P
Cable Holders - Arrowhead Mount
More results


Similar Description - 3612

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1594A ETC2-1594A Datasheet
109Kb / 4P
CAT5e (200MHz), 4-Pair, U/UTP-Unshielded, Riser-CMR, CMX Outdoor, Premise Horizontal Cable
1212F ETC2-1212F Datasheet
109Kb / 3P
CAT5e (350MHz), 4-Pair, F/UTP-Foil shielded, Riser-CMR, Premise Horizontal Cable
2413 ETC2-2413 Datasheet
116Kb / 5P
CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
2413F ETC2-2413F Datasheet
109Kb / 4P
CAT6, (350 MHz) 4-Pair, F/UTP-Foil Shielded, Plenum-CMP, Premise Horizontal Cable
3613 ETC2-3613 Datasheet
111Kb / 4P
CAT6 (400MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
logo
Belden Inc.
4812 BELDEN-4812 Datasheet
284Kb / 3P
Category 6 Enhanced Cable, 4 Pair, U/UTP, CMR
1227A1 BELDEN-1227A1 Datasheet
162Kb / 2P
Category 3 Horizontal Cable, 2 Pair, U/UTP, CMR
2022 Belden, Inc
1212 BELDEN-1212 Datasheet
174Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
1583A BELDEN-1583A Datasheet
184Kb / 4P
Category 5e Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
10GX12 BELDEN-10GX12 Datasheet
183Kb / 3P
10GX Category 6A Enhanced Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com