Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet (PDF) - Mospec Semiconductor

HER201 Datasheet PDF - Mospec Semiconductor
Part # HER201
Download  HER201 Download
File Size   65.81 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description High Surge Capacity

HER201 Datasheet (PDF)

Go To PDF Page Download Datasheet
HER201 Datasheet PDF - Mospec Semiconductor

Part # HER201
Download  HER201 Click to download

File Size   65.81 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description High Surge Capacity

HER201 Datasheet (HTML) - Mospec Semiconductor


HER201 Product details

Switchmode Power Rectifiers

Designed for use in switching power supplies. inverters and as free wheeling diodes. These state-of-the-art devices have the following features:

* High Surge Capacity
* Low Power Loss, High efficiency
* Glass Passivated chip junctions
* 150℃ Operating Junction Temperature
* Low Stored Charge Majority Carrier Conduction
* Low Forward Voltage , High Current Capability
* Ultrafast 50 & 75 Nanosecond Recovery Time
* Plastic Material used Carries Underwriters Laboratory
   Flammability Classification 94V-O

Plating pb free
The marking is indicated by part no. + “M”.
ex:HER201M~HER205M




Similar Part No. - HER201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER201 WTE-HER201 Datasheet
49Kb / 3P
2.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER201 ZOWIE-HER201 Datasheet
50Kb / 2P
HIGH EFFICIENCY RECITIFIER
logo
Rectron Semiconductor
HER201 RECTRON-HER201 Datasheet
43Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
logo
Jinan Gude Electronic D...
HER201 JGD-HER201 Datasheet
165Kb / 2P
2.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Similar Description - HER201

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TX2-12V NAIS-TX2-12V Datasheet
166Kb / 7P
2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
logo
Bel Fuse Inc.
5VT BEL-5VT Datasheet
93Kb / 2P
Time-lag Fuse Series (High Surge-proof, Low-breaking Capacity)
logo
Pan Jit International I...
SB2040 PANJIT-SB2040 Datasheet
112Kb / 4P
High surge capacity
logo
Kersemi Electronic Co.,...
MBR790 KERSEMI-MBR790 Datasheet
1Mb / 2P
High Surge Capacity
logo
Diodes Incorporated
SBR3U60P1-7 DIODES-SBR3U60P1-7 Datasheet
115Kb / 5P
Patented Interlocking Clip Design for High Surge Current Capacity
Rev erse
logo
Shanghai Shunye Electro...
MBR2070CT SHUNYE-MBR2070CT Datasheet
259Kb / 2P
High surge capacity
logo
Mospec Semiconductor
F10C30 MOSPEC-F10C30 Datasheet
58Kb / 2P
High Surge Capacity
HER206 MOSPEC-HER206 Datasheet
58Kb / 2P
High Surge Capacity
logo
SHENZHEN DOINGTER SEMIC...
MBRD10200CT DOINGTER-MBRD10200CT Datasheet
695Kb / 1P
Low power loss, high efficiency, High surge capacity
logo
Shanghai Leiditech Elec...
MBR2040RG LEIDITECH-MBR2040RG Datasheet
1Mb / 3P
Low power loss,high efficiency High surge capacity
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com