Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # HER201
Description  High Surge Capacity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

HER201 Datasheet(HTML) 1 Page - Mospec Semiconductor

  HER201 Datasheet HTML 1Page - Mospec Semiconductor HER201 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
HER201 Thru HER205
Switchmode Power Rectifiers
Designed for use in switching power supplies. inverters and as free
wheeling diodes. These state-of-the-art devices have the following
features:
*High Surge Capacity
*Low Power Loss, High efficiency
*Glass Passivated chip junctions
*150℃ Operating Junction Temperature
*Low Stored Charge Majority Carrier Conduction
*Low Forward Voltage , High Current Capability
*Ultrafast 50 & 75 Nanosecond Recovery Time
*Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
Plating pb free
The marking is indicated by part no. + “M”.
ex:HER201M~HER205M
MAXIMUM RATINGS
HER
Characteristic
Symbol
201
202
203
204
205
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR50
50
100
200
300
400
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
V
Average Rectifier Forward Current
IO
2.0
A
Non-Repetitive Peak Surge Current
(Surge applied at rate load conditions
halfware, single phase,60Hz )
IFSM
30
A
Operating and Storage Junction
Temperature Range
TJ , TSTG
-65 to +150
℃
ELECTRIAL CHARACTERISTICS
SF
Characteristic
Symbol
201
202
203
204
205
Unit
Maximum Instantaneous Forward Voltage
(IF=2.0 Amp, TC = 25℃)
VF
0.95
1.30
V
Maximum Instantaneous Reverse Current
(Rated DC Voltage, TC = 25℃)
(Rated DC Voltage, TC = 125℃)
IR
5.0
50
uA
Reverse Recovery Time
( IF = 0.5 A, IR =1.0 , Irr =0.25 A )
Trr
50
75
ns
Typical Junction Capacitance
(Reverse Voltage of 4 volts & f=1 MHz)
CP
25
20
PF
ULTRAFAST
RECTIFIERS
2.0 AMPERES
50-400 VOLTS
DO-41
MILLIMETERS
DIM
MIN
MAX
A
2.00
2.70
B
25.40
C
4.10
5.20
D
0.70
0.90
CASE---
Transfer molded
plastic
POLARITY---
Cathode indicated
polarity band


Similar Part No. - HER201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER201 WTE-HER201 Datasheet
49Kb / 3P
2.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER201 ZOWIE-HER201 Datasheet
50Kb / 2P
HIGH EFFICIENCY RECITIFIER
logo
Rectron Semiconductor
HER201 RECTRON-HER201 Datasheet
43Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
logo
Jinan Gude Electronic D...
HER201 JGD-HER201 Datasheet
165Kb / 2P
2.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER201

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TX2-12V NAIS-TX2-12V Datasheet
166Kb / 7P
2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
logo
Bel Fuse Inc.
5VT BEL-5VT Datasheet
93Kb / 2P
Time-lag Fuse Series (High Surge-proof, Low-breaking Capacity)
logo
Pan Jit International I...
SB2040 PANJIT-SB2040 Datasheet
112Kb / 4P
High surge capacity
logo
Kersemi Electronic Co.,...
MBR790 KERSEMI-MBR790 Datasheet
1Mb / 2P
High Surge Capacity
logo
Diodes Incorporated
SBR3U60P1-7 DIODES-SBR3U60P1-7 Datasheet
115Kb / 5P
Patented Interlocking Clip Design for High Surge Current Capacity
Rev erse
logo
Shanghai Shunye Electro...
MBR2070CT SHUNYE-MBR2070CT Datasheet
259Kb / 2P
High surge capacity
logo
Mospec Semiconductor
F10C30 MOSPEC-F10C30 Datasheet
58Kb / 2P
High Surge Capacity
HER206 MOSPEC-HER206 Datasheet
58Kb / 2P
High Surge Capacity
logo
SHENZHEN DOINGTER SEMIC...
MBRD10200CT DOINGTER-MBRD10200CT Datasheet
695Kb / 1P
Low power loss, high efficiency, High surge capacity
logo
Shanghai Leiditech Elec...
MBR2040RG LEIDITECH-MBR2040RG Datasheet
1Mb / 3P
Low power loss,high efficiency High surge capacity
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com